Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 225 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 225 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 221Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 222Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 223Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 224Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 225Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 226Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 227Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 228Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 229Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 437 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
C/I2M,-6MHz
2 Mbps mode, Adjacent (-6 MHz) interference
-39
dB
C/I2M,+6MHz
2 Mbps mode, Adjacent (+6 MHz) interference
-48
dB
C/I2M,≥12MHz
2 Mbps mode, Adjacent (≥12 MHz) interference
-52
dB
C/I2MBLE,co-channel
2 Mbps BLE mode, co-channel interference
7
dB
C/I2MBLE,-2MHz
2 Mbps BLE mode, Adjacent (-2 MHz) interference
-2
dB
C/I2MBLE,+2MHz
2 Mbps BLE mode, Adjacent (+2 MHz) interference
-12
dB
C/I2MBLE,-4MHz
2 Mbps BLE mode, Adjacent (-4 MHz) interference
-25
dB
C/I2MBLE,+4MHz
2 Mbps BLE mode, Adjacent (+4 MHz) interference
-46
dB
C/I2MBLE,≥6MHz
2 Mbps BLE mode, Adjacent (≥6 MHz) interference
-54
dB
C/I2MBLE,image
Image frequency interference
-25
dB
C/I2MBLE,image, 2MHz Adjacent (2 MHz) interference to in-band image frequency
-37
dB
C/I125k BLE LR,co-
channel
125 kbps BLE LR mode, co-channel interference
3
dB
C/I125k BLE LR,-1MHz 125 kbps BLE LR mode, Adjacent (-1 MHz) interference
-9
dB
C/I125k BLE LR,+1MHz 125 kbps BLE LR mode, Adjacent (+1 MHz) interference
-16
dB
C/I125k BLE LR,-2MHz 125 kbps BLE LR mode, Adjacent (-2 MHz) interference
-28
dB
C/I125k BLE LR,+2MHz 125 kbps BLE LR mode, Adjacent (+2 MHz) interference
-54
dB
C/I125k BLE LR,>3MHz 125 kbps BLE LR mode, Adjacent (≥3 MHz) interference
-60
dB
C/I125k BLE LR,image
Image frequency interference
-28
dB
C/IIEEE 802.15.4,-5MHz IEEE 802.15.4 mode, Adjacent (-5 MHz) rejection
-33
dB
C/IIEEE 802.15.4,+5MHz IEEE 802.15.4 mode, Adjacent (+5 MHz) rejection
-38
dB
C/IIEEE 802.15.4,±10MHz IEEE 802.15.4 mode, Alternate (±10 MHz) rejection
-49
dB
6.12.16.7 RX intermodulation
RX intermodulation. Desired signal level at PIN = -64 dBm. Two interferers with equal input power are
used. The interferer closest in frequency is not modulated, the other interferer is modulated equal with
the desired signal. The input power of the interferers where the sensitivity equals BER = 0.1% is presented.
Symbol
Description
Min.
Typ.
Max.
Units
PIMD,5TH,1M
IMD performance, 1 Mbps, 5th offset channel, packet length
≤ 37 bytes
-34
dBm
PIMD,5TH,1M,BLE
IMD performance, BLE 1 Mbps, 5th offset channel, packet
length ≤ 37 bytes
-32
dBm
PIMD,5TH,2M
IMD performance, 2 Mbps, 5th offset channel, packet length
≤ 37 bytes
-33
dBm
PIMD,5TH,2M,BLE
IMD performance, BLE 2 Mbps, 5th offset channel, packet
length ≤ 37 bytes
-32
dBm
6.12.16.8 Radio timing
Symbol
Description
Min.
Typ.
Max.
Units
tTXEN,BLE,1M
Time between TXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE and 150 µs TIFS)
140
µs
tTXEN,FAST,BLE,1M
Time between TXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE with fast ramp-up and
150 µs TIFS)
40
µs
tTXDIS,BLE,1M
When in TX, delay between DISABLE task and DISABLED
event for MODE = Nrf_1Mbit and MODE = Ble_1Mbit
6
µs
tRXEN,BLE,1M
Time between the RXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE)
140
µs
tRXEN,FAST,BLE,1M
Time between the RXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE with fast ramp-up)
40
µs
4463_156 v1.0
225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com