Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 222 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 222 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 218Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 219Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 220Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 221Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 222Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 223Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 224Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 225Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 226Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 437 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
ISTART,TX
TX start-up current, PRF = 4 dBm
8.8
mA
6.12.16.3 Radio current consumption (Receiver)
Symbol
Description
Min.
Typ.
Max.
Units
IRX,1M,DCDC
RX only run current (DC/DC, 3 V) 1 Mbps/1 Mbps BLE
4.7
mA
IRX,1M
RX only run current (LDO, 3 V) 1 Mbps/1 Mbps BLE
9.8
mA
IRX,2M,DCDC
RX only run current (DC/DC, 3 V) 2 Mbps/2 Mbps BLE
5.2
mA
IRX,2M
RX only run current (LDO, 3 V) 2 Mbps/2 Mbps BLE
10.9
mA
ISTART,RX,1M,DCDC
RX start-up current (DC/DC, 3 V) 1 Mbps/1 Mbps BLE
3.4
mA
ISTART,RX,1M
RX start-up current 1 Mbps/1 Mbps BLE
6.8
mA
6.12.16.4 Transmitter specification
Symbol
Description
Min.
Typ.
Max.
Units
PRF
Maximum output power
8
dBm
PRFC
RF power control range
28
dB
PRFCR
RF power accuracy
±4
dB
PRF1,1
1st Adjacent Channel Transmit Power 1 MHz (1 Mbps)
-25
dBc
PRF2,1
2nd Adjacent Channel Transmit Power 2 MHz (1 Mbps)
-54
dBc
PRF1,2
1st Adjacent Channel Transmit Power 2 MHz (2 Mbps)
-26
dBc
PRF2,2
2nd Adjacent Channel Transmit Power 4 MHz (2 Mbps)
-54
dBc
Evm
Error vector magnitude in IEEE 802.15.4 mode (Offset EVM)
2
%rms
Pharm2nd, IEEE 802.15.4 2nd harmonics in IEEE 802.15.4 mode
-49
dBm
Pharm3rd, IEEE 802.15.4 3rd harmonics in IEEE 802.15.4 mode
-54
dBm
7
7.2
7.4
7.6
7.8
8
8.2
-40
-20
0
20
40
60
80
100
120
Temperature Range [°C]
1.7 V
3 V
3.6 V
Figure 76: Output power, 1 Mbps Bluetooth low energy
mode, at maximum TXPOWER setting (typical values)
4463_156 v1.0
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com