Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 218 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 218 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 214Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 216Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 217Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 218Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 219Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 220Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 221Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 222Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I I I I H H H H
G G G F E E E
C C C B
A A A A A A
Reset 0x00023282
0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 1 1 0 0 1 0 1 0 0 0 0 0 1 0
ID
Access
Field
Value ID
Value
Description
A
RW NUMBEROF8US
Length of the AoA/AoD procedure in number of 8 µs units
Always used in TX mode, but in RX mode only when
CTEINLINECTRLEN is 0
B
RW DFEINEXTENSION
Add CTE extension and do antenna switching/sampling in
this extension
CRC
1
AoA/AoD procedure triggered at end of CRC
Payload
0
Antenna switching/sampling is done in the packet payload
C
RW TSWITCHSPACING
Interval between every time the antenna is changed in the
SWITCHING state
4us
1
4 µs
2us
2
2 µs
1us
3
1 µs
E
RW TSAMPLESPACINGREF
Interval between samples in the REFERENCE period
4us
1
4 µs
2us
2
2 µs
1us
3
1 µs
500ns
4
0.5 µs
250ns
5
0.25 µs
125ns
6
0.125 µs
F
RW SAMPLETYPE
Whether to sample I/Q or magnitude/phase
IQ
0
Complex samples in I and Q
MagPhase
1
Complex samples as magnitude and phase
G
RW TSAMPLESPACING
Interval between samples in the SWITCHING period when
CTEINLINECTRLEN is 0
Not used when CTEINLINECTRLEN is set. Then either
CTEINLINERXMODE1US or CTEINLINERXMODE2US are used.
4us
1
4 µs
2us
2
2 µs
1us
3
1 µs
500ns
4
0.5 µs
250ns
5
0.25 µs
125ns
6
0.125 µs
H
RW REPEATPATTERN
Repeat each individual antenna pattern N times
sequentially, i.e. P0, P0, P1, P1, P2, P2, P3, P3, etc.
NoRepeat
0
Do not repeat (1 time in total)
I
RW AGCBACKOFFGAIN
Gain will be lowered by the specified number of gain steps
at the start of CTE
First LNAGAIN gain drops, then MIXGAIN, then AAFGAIN
6.12.15.81 DFECTRL2
Address offset: 0x914
Start offset for Direction finding
4463_156 v1.0
218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com