Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 219 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 219 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 216Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 217Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 218Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 219Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 220Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 221Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 222Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 223Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B B B B B B B B B B B B
A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TSWITCHOFFSET
Signed value offset after the end of the CRC before starting
switching in number of 16M cycles
Decreasing TSWITCHOFFSET beyond the trigger of the AoA/
AoD procedure will have no effect
B
RW TSAMPLEOFFSET
Signed value offset before starting sampling in number of
16M cycles relative to the beginning of the REFERENCE state
- 12 µs after switching start
Decreasing TSAMPLEOFFSET beyond the trigger of the AoA/
AoD procedure will have no effect
6.12.15.82 SWITCHPATTERN
Address offset: 0x928
GPIO patterns to be used for each antenna
Maximum 8 GPIOs can be controlled. To secure correct signal levels on the pins, the pins must be
configured in the GPIO peripheral as described in Pin configuration.
If, during switching, the total number of antenna slots is bigger than the number of written patterns, the
RADIO loops back to the pattern used after the reference pattern.
A minimum number of three patterns must be written.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SWITCHPATTERN
Fill array of GPIO patterns for antenna control.
The GPIO pattern array size is 40 entries.
When written, bit n corresponds to the GPIO configured in
PSEL.DFEGPIO[n].
When read, returns the number of GPIO patterns
written since the last time the array was cleared. Use
CLEARPATTERN to clear the array.
6.12.15.83 CLEARPATTERN
Address offset: 0x92C
Clear the GPIO pattern array for antenna control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CLEARPATTERN
Clears GPIO pattern array for antenna control
Clear
1
Clear the GPIO pattern
4463_156 v1.0
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com