Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 216 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 216 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 212Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 214Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 216Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 217Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 218Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 219Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 220Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D D D D D D D D C C C C C C C C B B B B B B B B
A A A
Reset 0x052D0000
0 0 0 0 0 1 0 1 0 0 1 0 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CCAMODE
CCA mode of operation
EdMode
0
Energy above threshold
Will report busy whenever energy is detected above
CCAEDTHRES
CarrierMode
1
Carrier seen
Will report busy whenever compliant IEEE 802.15.4 signal is
seen
CarrierAndEdMode
2
Energy above threshold AND carrier seen
CarrierOrEdMode
3
Energy above threshold OR carrier seen
EdModeTest1
4
Energy above threshold test mode that will abort when first
ED measurement over threshold is seen. No averaging.
B
RW CCAEDTHRES
CCA energy busy threshold. Used in all the CCA modes
except CarrierMode.
Must be converted from IEEE 802.15.4 range by dividing by
factor ED_RSSISCALE - similar to EDSAMPLE register
C
RW CCACORRTHRES
CCA correlator busy threshold. Only relevant to
CarrierMode, CarrierAndEdMode, and CarrierOrEdMode.
D
RW CCACORRCNT
Limit for occurances above CCACORRTHRES. When not
equal to zero the corrolator based signal detect is enabled.
6.12.15.78 DFEMODE
Address offset: 0x900
Whether to use Angle-of-Arrival (AOA) or Angle-of-Departure (AOD)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW DFEOPMODE
Direction finding operation mode
Disabled
0
Direction finding mode disabled
AoD
2
Direction finding mode set to AoD
AoA
3
Direction finding mode set to AoA
6.12.15.79 CTEINLINECONF
Address offset: 0x904
Configuration for CTE inline mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I
I I I I I I I H H H H H H H H G G G F F F
E E
C B
A
Reset 0x00002800
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CTEINLINECTRLEN
Enable parsing of CTEInfo from received packet in BLE
modes
Enabled
1
Parsing of CTEInfo is enabled
Disabled
0
Parsing of CTEInfo is disabled
B
RW CTEINFOINS1
CTEInfo is S1 byte or not
4463_156 v1.0
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com