Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 212 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 212 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 212Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 214Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 216Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
RSSISAMPLE
[0..127]
RSSI sample.
RSSI sample result. The value of this register is read as a
positive value while the actual received signal strength is a
negative value. Actual received signal strength is therefore
as follows: received signal strength = -A dBm.
6.12.15.65 STATE
Address offset: 0x550
Current radio state
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
STATE
Current radio state
Disabled
0
RADIO is in the Disabled state
RxRu
1
RADIO is in the RXRU state
RxIdle
2
RADIO is in the RXIDLE state
Rx
3
RADIO is in the RX state
RxDisable
4
RADIO is in the RXDISABLED state
TxRu
9
RADIO is in the TXRU state
TxIdle
10
RADIO is in the TXIDLE state
Tx
11
RADIO is in the TX state
TxDisable
12
RADIO is in the TXDISABLED state
6.12.15.66 DATAWHITEIV
Address offset: 0x554
Data whitening initial value
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000040
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW DATAWHITEIV
Data whitening initial value. Bit 6 is hardwired to '1', writing
'0' to it has no effect, and it will always be read back and
used by the device as '1'.
Bit 0 corresponds to Position 6 of the LSFR, Bit 1 to Position
5, etc.
6.12.15.67 BCC
Address offset: 0x560
Bit counter compare
4463_156 v1.0
212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com