Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 208 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 208 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 212Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
J J
I H H G G
F E E E E
C
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW LFLEN
Length on air of LENGTH field in number of bits
C
RW S0LEN
Length on air of S0 field in number of bytes
E
RW S1LEN
Length on air of S1 field in number of bits
F
RW S1INCL
Include or exclude S1 field in RAM
Automatic
0
Include S1 field in RAM only if S1LEN > 0
Include
1
Always include S1 field in RAM independent of S1LEN
G
RW CILEN
Length of code indicator - long range
H
RW PLEN
Length of preamble on air. Decision point: TASKS_START task
8bit
0
8-bit preamble
16bit
1
16-bit preamble
32bitZero
2
32-bit zero preamble - used for IEEE 802.15.4
LongRange
3
Preamble - used for BLE long range
I
RW CRCINC
Indicates if LENGTH field contains CRC or not
Exclude
0
LENGTH does not contain CRC
Include
1
LENGTH includes CRC
J
RW TERMLEN
Length of TERM field in Long Range operation
6.12.15.53 PCNF1
Address offset: 0x518
Packet configuration register 1
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E D
C C C B B B B B B B B A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW MAXLEN
[0..255]
Maximum length of packet payload. If the packet payload is
larger than MAXLEN, the radio will truncate the payload to
MAXLEN.
B
RW STATLEN
[0..255]
Static length in number of bytes
The static length parameter is added to the total length
of the payload when sending and receiving packets, e.g. if
the static length is set to N the radio will receive or send N
bytes more than what is defined in the LENGTH field of the
packet.
C
RW BALEN
[2..4]
Base address length in number of bytes
The address field is composed of the base address and the
one byte long address prefix, e.g. set BALEN=2 to get a total
address of 3 bytes.
D
RW ENDIAN
On-air endianness of packet, this applies to the S0, LENGTH,
S1, and the PAYLOAD fields.
Little
0
Least significant bit on air first
Big
1
Most significant bit on air first
E
RW WHITEEN
Enable or disable packet whitening
Disabled
0
Disable
Enabled
1
Enable
4463_156 v1.0
208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com