Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 207 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 207 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 203Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 211Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 437 page
background image
Peripherals
Output power
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TXPOWER
RADIO output power
Output power in number of dBm, i.e. if the value -20 is
specified the output power will be set to -20 dBm.
Pos8dBm
0x8
+8 dBm
Pos7dBm
0x7
+7 dBm
Pos6dBm
0x6
+6 dBm
Pos5dBm
0x5
+5 dBm
Pos4dBm
0x4
+4 dBm
Pos3dBm
0x3
+3 dBm
Pos2dBm
0x2
+2 dBm
0dBm
0x0
0 dBm
Neg4dBm
0xFC
-4 dBm
Neg8dBm
0xF8
-8 dBm
Neg12dBm
0xF4
-12 dBm
Neg16dBm
0xF0
-16 dBm
Neg20dBm
0xEC
-20 dBm
Neg30dBm
0xE2
-40 dBm
Deprecated
Neg40dBm
0xD8
-40 dBm
6.12.15.51 MODE
Address offset: 0x510
Data rate and modulation
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW MODE
Radio data rate and modulation setting. The radio supports
frequency-shift keying (FSK) modulation.
Nrf_1Mbit
0
1 Mbps Nordic proprietary radio mode
Nrf_2Mbit
1
2 Mbps Nordic proprietary radio mode
Ble_1Mbit
3
1 Mbps BLE
Ble_2Mbit
4
2 Mbps BLE
Ble_LR125Kbit
5
Long range 125 kbps TX, 125 kbps and 500 kbps RX
Ble_LR500Kbit
6
Long range 500 kbps TX, 125 kbps and 500 kbps RX
Ieee802154_250Kbit
15
IEEE 802.15.4-2006 250 kbps
6.12.15.52 PCNF0
Address offset: 0x514
Packet configuration register 0
4463_156 v1.0
207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com