Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 210 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 210 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 212Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 214Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TXADDRESS
Transmit address select
Logical address to be used when transmitting a packet
6.12.15.59 RXADDRESSES
Address offset: 0x530
Receive address select
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A-H RW ADDR[i] (i=0..7)
Enable or disable reception on logical address i.
Disabled
0
Disable
Enabled
1
Enable
6.12.15.60 CRCCNF
Address offset: 0x534
CRC configuration
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW LEN
[1..3]
CRC length in number of bytes
For MODE Ble_LR125Kbit and Ble_LR500Kbit, only LEN set
to 3 is supported
Disabled
0
CRC length is zero and CRC calculation is disabled
One
1
CRC length is one byte and CRC calculation is enabled
Two
2
CRC length is two bytes and CRC calculation is enabled
Three
3
CRC length is three bytes and CRC calculation is enabled
B
RW SKIPADDR
Include or exclude packet address field out of CRC
calculation.
Include
0
CRC calculation includes address field
Skip
1
CRC calculation does not include address field. The CRC
calculation will start at the first byte after the address.
Ieee802154
2
CRC calculation as per 802.15.4 standard. Starting at first
byte after length field.
6.12.15.61 CRCPOLY
Address offset: 0x538
CRC polynomial
4463_156 v1.0
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com