Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 214 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 214 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 212Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 214Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 216Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 217Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 218Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW MHRMATCHCONF
Search pattern configuration
6.12.15.72 MHRMATCHMAS
Address offset: 0x648
Pattern mask
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW MHRMATCHMAS
Pattern mask
6.12.15.73 MODECNF0
Address offset: 0x650
Radio mode configuration register 0
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C C
A
Reset 0x00000200
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW RU
Radio ramp-up time
Default
0
Default ramp-up time (tRXEN and tTXEN), compatible with
firmware written for nRF51
Fast
1
Fast ramp-up (tRXEN,FAST and tTXEN,FAST), see electrical
specifications for more information
When enabled, TIFS is not enforced by hardware and
software needs to control when to turn on the Radio
C
RW DTX
Default TX value
Specifies what the RADIO will transmit when it is not
started, i.e. between:
RADIO.EVENTS_READY and RADIO.TASKS_START
RADIO.EVENTS_END and RADIO.TASKS_START
RADIO.EVENTS_END and RADIO.EVENTS_DISABLED
For IEEE 802.15.4 250 kbps mode only Center is a valid
setting
For Bluetooth Low Energy Long Range mode only Center is
a valid setting
B1
0
Transmit '1'
B0
1
Transmit '0'
Center
2
Transmit center frequency
When tuning the crystal for center frequency, the RADIO
must be set in DTX = Center mode to be able to achieve the
expected accuracy
4463_156 v1.0
214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com