Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 217 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 217 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 213Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 214Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 216Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 217Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 218Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 219Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 220Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 221Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I
I I I I I I I H H H H H H H H G G G F F F
E E
C B
A
Reset 0x00002800
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
InS1
1
CTEInfo is in S1 byte (data PDU)
NotInS1
0
CTEInfo is NOT in S1 byte (advertising PDU)
C
RW CTEERRORHANDLING
Sampling/switching if CRC is not OK
Yes
1
Sampling and antenna switching also when CRC is not OK
No
0
No sampling and antenna switching when CRC is not OK
E
RW CTETIMEVALIDRANGE
Max range of CTETime
Valid range is 2-20 in BLE core spec. If larger than 20, it can
be an indication of an error in the received packet.
20
0
20 in 8 µs unit (default)
Set to 20 if parsed CTETime is larger than 20
31
1
31 in 8 µs unit
63
2
63 in 8 µs unit
F
RW CTEINLINERXMODE1US
Spacing between samples for the samples in the
SWITCHING period when CTEINLINEMODE is set.
When the device is in AoD mode, this is used when the
received CTEType is "AoD 1 µs". When in AoA mode, this is
used when TSWITCHSPACING is 2 µs.
4us
1
4 µs
2us
2
2 µs
1us
3
1 µs
500ns
4
0.5 µs
250ns
5
0.25 µs
125ns
6
0.125 µs
G
RW CTEINLINERXMODE2US
Spacing between samples for the samples in the
SWITCHING period when CTEINLINEMODE is set.
When the device is in AoD mode, this is used when the
received CTEType is "AoD 2 µs". When in AoA mode, this is
used when TSWITCHSPACING is 4 µs.
4us
1
4 µs
2us
2
2 µs
1us
3
1 µs
500ns
4
0.5 µs
250ns
5
0.25 µs
125ns
6
0.125 µs
H
RW S0CONF
S0 bit pattern to match
The least significant bit always corresponds to the first bit of
S0 received.
I
RW S0MASK
S0 bit mask to set which bit to match
The least significant bit always corresponds to the first bit of
S0 received.
6.12.15.80 DFECTRL1
Address offset: 0x910
Various configuration for Direction finding
4463_156 v1.0
217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com