Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 206 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 206 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 202Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 203Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 210Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
SWITCHINGSTATE
Internal state of switching state machine
Idle
0
Switching state Idle
Offset
1
Switching state Offset
Guard
2
Switching state Guard
Ref
3
Switching state Ref
Switching
4
Switching state Switching
Ending
5
Switching state Ending
B
R
SAMPLINGSTATE
Internal state of sampling state machine
Idle
0
Sampling state Idle
Sampling
1
Sampling state Sampling
6.12.15.48 PACKETPTR
Address offset: 0x504
Packet pointer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW PACKETPTR
Packet pointer
Packet address to be used for the next transmission or
reception. When transmitting, the packet pointed to by
this address will be transmitted and when receiving, the
received packet will be written to this address. This address
is a byte aligned RAM address. See the memory chapter for
details about which memories are avilable for EasyDMA.
6.12.15.49 FREQUENCY
Address offset: 0x508
Frequency
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A
Reset 0x00000002
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
ID
Access
Field
Value ID
Value
Description
A
RW FREQUENCY
[0..100]
Radio channel frequency
Frequency = 2400 + FREQUENCY (MHz)
B
RW MAP
Channel map selection
Default
0
Channel map between 2400 MHZ .. 2500 MHz
Frequency = 2400 + FREQUENCY (MHz)
Low
1
Channel map between 2360 MHZ .. 2460 MHz
Frequency = 2360 + FREQUENCY (MHz)
6.12.15.50 TXPOWER
Address offset: 0x50C
4463_156 v1.0
206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com