Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 205 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 205 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 201Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 202Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 203Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 209Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 437 page
background image
Peripherals
6.12.15.44 DAI
Address offset: 0x410
Device address match index
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
DAI
Device address match index
Index (n) of device address, see DAB[n] and DAP[n], that got
an address match
6.12.15.45 PDUSTAT
Address offset: 0x414
Payload status
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
PDUSTAT
Status on payload length vs. PCNF1.MAXLEN
LessThan
0
Payload less than PCNF1.MAXLEN
GreaterThan
1
Payload greater than PCNF1.MAXLEN
B
R
CISTAT
Status on what rate packet is received with in Long Range
LR125kbit
0
Frame is received at 125 kbps
LR500kbit
1
Frame is received at 500 kbps
6.12.15.46 CTESTATUS
Address offset: 0x44C
CTEInfo parsed from received packet
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C C B A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
CTETIME
CTETime parsed from packet
B
R
RFU
RFU parsed from packet
C
R
CTETYPE
CTEType parsed from packet
6.12.15.47 DFESTATUS
Address offset: 0x458
DFE status information
4463_156 v1.0
205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com