Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 286 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 286 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 286Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 287Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 290Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW T1
End point of second piecewise linear function
6.19.1.21 T2
Address offset: 0x568
End point of third piecewise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000019
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1
ID
Access
Field
Value ID
Value
Description
A
RW T2
End point of third piecewise linear function
6.19.1.22 T3
Address offset: 0x56C
End point of fourth piecewise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x0000003C
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0
ID
Access
Field
Value ID
Value
Description
A
RW T3
End point of fourth piecewise linear function
6.19.1.23 T4
Address offset: 0x570
End point of fifth piecewise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000050
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW T4
End point of fifth piecewise linear function
6.19.2 Electrical specification
6.19.2.1 Temperature Sensor Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tTEMP
Time required for temperature measurement
36
µs
TTEMP,RANGE
Temperature sensor range
-40
105
°C
TTEMP,ACC
Temperature sensor accuracy
-5
5
°C
TTEMP,ACC,EXT
Temperature sensor accuracy, extended temperature range
-7
7
°C
TTEMP,RES
Temperature sensor resolution
0.25
°C
TTEMP,STB
Sample to sample stability at constant device temperature
±0.25
°C
TTEMP,OFFST
Sample offset at 25°C
-2.5
2.5
°C
4463_156 v1.0
286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com