Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 289 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 289 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 286Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 287Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 290Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 292Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 293Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 437 page
background image
Peripherals
1
3
6
2
ADDR
0
1
N-1
N
2
4
7
Figure 108: The TWI master writing data to a slave
The TWI master write sequence is stopped when the STOP task is triggered, causing the TWI master to
generate a stop condition on the TWI bus.
6.20.5 Master read sequence
A TWI master read sequence is started by triggering the STARTRX task. After the STARTRX task has been
triggered, the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 1 (WRITE = 0, READ = 1).
The address must match the address of the slave device that the master wants to read from. The READ/
WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK = 1) generated by the slave.
After having sent the ACK bit, the TWI slave will send data to the master using the clock generated by the
master.
The TWI master will generate a RXDRDY event every time a new byte is received in the RXD register.
After receiving a byte, the TWI master will delay sending the ACK/NACK bit by stretching the clock until the
CPU has extracted the received byte, by reading the RXD register.
The TWI master read sequence is stopped by triggering the STOP task. This task must be triggered before
the last byte is extracted from RXD to ensure that the TWI master sends a NACK back to the slave before
generating the stop condition.
A typical TWI master read sequence is illustrated in The TWI master reading data from a slave on page
290. Occurrence 3 in this figure illustrates delayed processing of the RXDRDY event associated with RXD
byte B. In this scenario the TWI master will stretch the clock to prevent the slave from overwriting the
contents of the RXD register.
4463_156 v1.0
289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com