Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 288 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 288 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 286Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 287Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 290Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 292Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 437 page
background image
Peripherals
To secure correct signal levels on the pins used by the TWI master when the system is in OFF mode, and
when the TWI master is disabled, these pins must be configured in the GPIO peripheral as described in
GPIO configuration on page 288.
Only one peripheral can be assigned to drive a particular GPIO pin at a time, failing to do so may result in
unpredictable behavior.
TWI master signal
TWI master pin
Direction
Drive strength
Output value
SCL
As specified in PSEL.SCL
Input
S0D1
Not applicable
SDA
As specified in PSEL.SDA
Input
S0D1
Not applicable
Table 88: GPIO configuration
6.20.3 Shared resources
TWI shares registers and other resources with other peripherals that have the same ID as TWI.
Therefore, you must disable all peripherals that have the same ID as TWI before TWI can be configured
and used. Disabling a peripheral that has the same ID as TWI will not reset any of the registers that are
shared with TWI. It is therefore important to configure all relevant TWI registers explicitly to secure that it
operates correctly.
The Instantiation table in Instantiation on page 18 shows which peripherals have the same ID as TWI.
6.20.4 Master write sequence
A TWI master write sequence is started by triggering the STARTTX task. After the STARTTX task has been
triggered, the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 0 (WRITE=0, READ=1).
The address must match the address of the slave device that the master wants to write to. The READ/
WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK=1) generated by the slave.
After receiving the ACK bit, the TWI master will clock out the data bytes that are written to the TXD
register. Each byte clocked out from the master will be followed by an ACK/NACK bit clocked in from the
slave. A TXDSENT event will be generated each time the TWI master has clocked out a TXD byte, and the
associated ACK/NACK bit has been clocked in from the slave.
The TWI master transmitter is single buffered. A second byte can only be written to the TXD register after
the previous byte has been clocked out and the ACK/NACK bit clocked in, that is, after the TXDSENT event
has been generated.
If the CPU is prevented from writing to TXD when the TWI master is ready to clock out a byte, the TWI
master will stretch the clock until the CPU has written a byte to the TXD register.
A typical TWI master write sequence is illustrated in The TWI master writing data to a slave on page
289. Occurrence 3 in the figure illustrates delayed processing of the TXDSENT event associated with
TXD byte 1. In this scenario the TWI master will stretch the clock to prevent writing erroneous data to the
slave.
4463_156 v1.0
288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com