Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 300 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 300 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 296Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 297Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 298Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 299Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 300Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 301Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 302Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 303Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 304Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 437 page
background image
Peripherals
PCLK1M
Prescaler
TIMER Core
CC[0..n]
fTIMER
Increment
MODE
PRESCALER
Counter
BITMODE
PCLK16M
TIMER
Figure 112: Block schematic for timer/counter
The timer/counter runs on the high-frequency clock source (HFCLK) and includes a four-bit (1/2X)
prescaler that can divide the timer input clock from the HFCLK controller. Clock source selection between
PCLK16M and PCLK1M is automatic according to TIMER base frequency set by the prescaler. The TIMER
base frequency is always given as 16 MHz divided by the prescaler value.
The PPI system allows a TIMER event to trigger a task of any other system peripheral of the device. The PPI
system also enables the TIMER task/event features to generate periodic output and PWM signals to any
GPIO. The number of input/outputs used at the same time is limited by the number of GPIOTE channels.
TIMER can operate in two modes: Timer mode and Counter mode. In both modes, TIMER is started by
triggering the START task, and stopped by triggering the STOP task. After the timer is stopped the timer
can resume timing/counting by triggering the START task again. When timing/counting is resumed, the
timer will continue from the value it had prior to being stopped.
In Timer mode, the TIMER's internal Counter register is incremented by one for every tick of the timer
frequency fTIMER as illustrated in Block schematic for timer/counter on page 300. The timer frequency
is derived from PCLK16M as shown in the following example, using the values specified in the PRESCALER
register.
fTIMER = 16 MHz / (2PRESCALER)
When fTIMER ≤ 1 MHz, TIMER will use PCLK1M instead of PCLK16M for reduced power consumption.
In counter mode, the TIMER's internal Counter register is incremented by one each time the COUNT task
is triggered, meaning the timer frequency and the prescaler are not utilized in counter mode. Similarly, the
COUNT task has no effect in Timer mode.
The TIMER's maximum value is configured by changing the bit-width of the timer in register BITMODE on
page 305.
PRESCALER on page 305 and BITMODE on page 305 must only be updated when the timer is stopped.
If these registers are updated while the timer is started, unpredictable behavior may occur.
When the timer is incremented beyond its maximum value, the Counter register will overflow and the
timer will automatically start over from zero.
4463_156 v1.0
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com