Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 301 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 301 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 297Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 298Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 299Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 300Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 301Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 302Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 303Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 304Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 305Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 437 page
background image
Peripherals
The Counter register can be cleared by triggering the CLEAR task. This will explicitly set the internal value
to zero.
TIMER implements multiple capture/compare registers.
Independent of prescaler setting, the accuracy of TIMER is equivalent to one tick of the timer frequency
fTIMER as illustrated in Block schematic for timer/counter on page 300.
6.21.1 Capture
TIMER implements one capture task for every available capture/compare register.
Every time the CAPTURE[n] task is triggered, the Counter value is copied to the CC[n] register.
6.21.2 Compare
TIMER implements one COMPARE event for every available capture/compare register.
A COMPARE event is generated when the Counter is incremented and then becomes equal to the
value specified in one of the capture compare registers. When the Counter value becomes equal to the
value specified in a capture compare register CC[n], the corresponding compare event COMPARE[n] is
generated.
BITMODE on page 305 specifies how many bits of the Counter register and the capture/compare
register that are used when the comparison is performed. Other bits will be ignored.
6.21.3 Task delays
After TIMER is started, the CLEAR, COUNT, and STOP tasks are guaranteed to take effect within one clock
cycle of the PCLK16M.
6.21.4 Task priority
If the START task and the STOP task are triggered at the same time, meaning within the same period of
PCLK16M, the STOP task will be prioritized.
6.21.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40008000
TIMER
TIMER0
Timer 0
This timer instance has 4 CC registers
(CC[0..3])
0x40009000
TIMER
TIMER1
Timer 1
This timer instance has 4 CC registers
(CC[0..3])
0x4000A000
TIMER
TIMER2
Timer 2
This timer instance has 4 CC registers
(CC[0..3])
0x4001A000
TIMER
TIMER3
Timer 3
This timer instance has 6 CC registers
(CC[0..5])
Table 91: Instances
Register
Offset
Description
TASKS_START
0x000
Start Timer
TASKS_STOP
0x004
Stop Timer
TASKS_COUNT
0x008
Increment Timer (Counter mode only)
TASKS_CLEAR
0x00C
Clear time
TASKS_SHUTDOWN
0x010
Shut down timer
Deprecated
TASKS_CAPTURE[0]
0x040
Capture Timer value to CC[0] register
4463_156 v1.0
301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com