Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 302 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 302 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 298Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 299Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 300Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 301Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 302Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 303Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 304Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 305Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 306Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 437 page
background image
Peripherals
Register
Offset
Description
TASKS_CAPTURE[1]
0x044
Capture Timer value to CC[1] register
TASKS_CAPTURE[2]
0x048
Capture Timer value to CC[2] register
TASKS_CAPTURE[3]
0x04C
Capture Timer value to CC[3] register
TASKS_CAPTURE[4]
0x050
Capture Timer value to CC[4] register
TASKS_CAPTURE[5]
0x054
Capture Timer value to CC[5] register
EVENTS_COMPARE[0]
0x140
Compare event on CC[0] match
EVENTS_COMPARE[1]
0x144
Compare event on CC[1] match
EVENTS_COMPARE[2]
0x148
Compare event on CC[2] match
EVENTS_COMPARE[3]
0x14C
Compare event on CC[3] match
EVENTS_COMPARE[4]
0x150
Compare event on CC[4] match
EVENTS_COMPARE[5]
0x154
Compare event on CC[5] match
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
MODE
0x504
Timer mode selection
BITMODE
0x508
Configure the number of bits used by the TIMER
PRESCALER
0x510
Timer prescaler register
CC[0]
0x540
Capture/Compare register 0
CC[1]
0x544
Capture/Compare register 1
CC[2]
0x548
Capture/Compare register 2
CC[3]
0x54C
Capture/Compare register 3
CC[4]
0x550
Capture/Compare register 4
CC[5]
0x554
Capture/Compare register 5
Table 92: Register overview
6.21.5.1 TASKS_START
Address offset: 0x000
Start Timer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_START
Start Timer
Trigger
1
Trigger task
6.21.5.2 TASKS_STOP
Address offset: 0x004
Stop Timer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Stop Timer
Trigger
1
Trigger task
4463_156 v1.0
302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com