Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 368 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 368 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 364Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 365Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 366Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 372Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 437 page
background image
Peripherals
6.25.9.27 BAUDRATE
Address offset: 0x524
Baud rate. Accuracy depends on the HFCLK source selected.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x04000000
0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW BAUDRATE
Baud rate
Baud1200
0x0004F000
1200 baud (actual rate: 1205)
Baud2400
0x0009D000
2400 baud (actual rate: 2396)
Baud4800
0x0013B000
4800 baud (actual rate: 4808)
Baud9600
0x00275000
9600 baud (actual rate: 9598)
Baud14400
0x003AF000
14400 baud (actual rate: 14401)
Baud19200
0x004EA000
19200 baud (actual rate: 19208)
Baud28800
0x0075C000
28800 baud (actual rate: 28777)
Baud31250
0x00800000
31250 baud
Baud38400
0x009D0000
38400 baud (actual rate: 38369)
Baud56000
0x00E50000
56000 baud (actual rate: 55944)
Baud57600
0x00EB0000
57600 baud (actual rate: 57554)
Baud76800
0x013A9000
76800 baud (actual rate: 76923)
Baud115200
0x01D60000
115200 baud (actual rate: 115108)
Baud230400
0x03B00000
230400 baud (actual rate: 231884)
Baud250000
0x04000000
250000 baud
Baud460800
0x07400000
460800 baud (actual rate: 457143)
Baud921600
0x0F000000
921600 baud (actual rate: 941176)
Baud1M
0x10000000
1 megabaud
6.25.9.28 RXD.PTR
Address offset: 0x534
Data pointer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW PTR
Data pointer
See the memory chapter for details about which memories
are available for EasyDMA.
6.25.9.29 RXD.MAXCNT
Address offset: 0x538
Maximum number of bytes in receive buffer
4463_156 v1.0
368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com