Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 370 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 370 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 366Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 372Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 373Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 374Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 437 page
background image
Peripherals
6.25.9.34 CONFIG
Address offset: 0x56C
Configuration of parity and hardware flow control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D
C B B B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW HWFC
Hardware flow control
Disabled
0
Disabled
Enabled
1
Enabled
B
RW PARITY
Parity
Excluded
0x0
Exclude parity bit
Included
0x7
Include even parity bit
C
RW STOP
Stop bits
One
0
One stop bit
Two
1
Two stop bits
D
RW PARITYTYPE
Even or odd parity type
Even
0
Even parity
Odd
1
Odd parity
6.25.10 Electrical specification
6.25.10.1 UARTE electrical specification
Symbol
Description
Min.
Typ.
Max.
Units
fUARTE
Baud rate for UARTE32.
1000
kbps
tUARTE,CTSH
CTS high time
1
µs
tUARTE,START
Time from STARTRX/STARTTX task to transmission started
1
µs
6.26 USBD — Universal serial bus device
The USB device (USBD) controller implements a full speed USB device function that meets 2.0 revision of
the USB specification.
32 High baud rates may require GPIOs to be set as High Drive, see GPIO chapter for more details.
4463_156 v1.0
370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com