Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 371 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 371 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 367Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 368Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 372Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 373Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 374Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 375Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 437 page
background image
Peripherals
Flash
Data RAM
EasyDMA
EasyDMA
EasyDMA
for each endpoint
Local
buffers
Serial
interface
engine
(SIE)
Physcial
layer (PHY)/
Transceiver
LDO
ref
VBUS
DECUSB
D-
D+
Event
generator
USBDETECTED
USBREMOVED
USBPWRRDY
POWER
USBD
MAC
tasks
events
Registers
PLL
HFXO
Figure 135: USB device block diagram
Listed here are the main features for USBD:
• Full-speed (12 Mbps) device fully compliant to Universal Serial Bus Specification Revision 2.0, including
following engineering change notices (ECNs) issued by USB Implementers Forum:
• Pull-up/pull-down Resistors ECN
• 5V Short Circuit Withstand Requirement Change ECN
• USB device stack available in the Nordic SDK
• Integrated (on-chip) USB transceiver (PHY)
• Software controlled on-chip pull-up on D+
• Endpoints:
• Two control (1 IN, 1 OUT)
• 14 bulk/interrupt (7 IN, 7 OUT)
• Two isochronous (1 IN, 1 OUT)
• Double buffering for isochronous (ISO) endpoints (IN/OUT) support
• USB suspend, resume, and remote wake-up support
• 64 bytes buffer size for each bulk/interrupt endpoint
• Up to 1023 bytes buffer size for ISO endpoints
• EasyDMA for all data transfers
6.26.1 USB device states
The behavior of a USB device can be modelled through a state diagram.
The USB 2.0 Specification (see Chapter 9 USB Device Framework) defines a number of states for a USB
device, as shown in the following figure.
4463_156 v1.0
371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com