Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52820-QDAA-R Datasheet(PDF) 373 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 373 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 372Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 373Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 374Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 375Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 376Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 377Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 437 page
background image
Peripherals
6.26.3 USB pins
The USBD peripheral features a number of dedicated pins.
The dedicated USB pins can be grouped in two categories, signal and power. The signal pins consist of the
D+ and D- pins, which are to be connected to the USB host. They are dedicated pins, and not available as
standard GPIOs. The USBD peripheral is implemented according to the USB specification revision 2.0, 5V
Short Circuit Withstand ECN Requirement Change, meaning these two pins are not 5 V tolerant.
The signal pins and the pull-up will operate only while VBUS is in its valid voltage range, and USBD is
enabled through the ENABLE register. For details on the USB power supply and VBUS detection, see USB
supply on page 54.
For more information about the pinout, see Pin assignments on page 415.
6.26.4 USBD power-up sequence
The physical layer interface (PHY)/USB transceiver is powered separately from the rest of the device (VBUS
pin), which has some implications on the USBD power-up sequence.
The device is not able to properly signal its presence to the USB host and handle traffic from the host,
unless the PHY's power supply is enabled and stable. Turning the PHY's power supply on/off is directly
linked to register ENABLE. The device provides events that help synchronizing software to the various
steps during the power-up sequence.
To make sure that all resources in USBD are available and the dedicated USB voltage regulator stabilized,
the following is recommended:
• Enable USBD only after VBUS has been detected
• Turn the USB pull-up on after the following events have occurred:
• USBPWRRDY
• USBEVENT, with the READY condition flagged in EVENTCAUSE
The following sequence chart illustrates a typical handling of VBUS power-up:
VBUS
POWER
CLOCK
Software
USBD
VBUS in valid range
USBDETECTED
ENABLE=Enabled
HFCLKSTART
USBEVENT
EVENTCAUSE=READY
USBPWRRDY
HFCLKSTARTED
USBPULLUP=Enabled
HFCLK Crystal
oscillator now starting
USBD has been
initialized, but PHY has
not powered up
PHY is now powered
Enumeration starts
Figure 137: VBUS power-up sequence
Upon detecting VBUS removal, it is recommended to wait for ongoing EasyDMA transfers to finish before
disabling USBD (relevant ENDEPIN[n], ENDISOIN, ENDEPOUT[n], or ENDISOOUT events, see EasyDMA on
page 376). The USBREMOVED event, described in USB supply on page 54, signals when the VBUS is
removed. Reading the ENABLE register will return Enabled until USBD is completely disabled.
4463_156 v1.0
373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com