Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 66 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 62Page - STMicroelectronics STLC5465B Datasheet HTML 63Page - STMicroelectronics STLC5465B Datasheet HTML 64Page - STMicroelectronics STLC5465B Datasheet HTML 65Page - STMicroelectronics STLC5465B Datasheet HTML 66Page - STMicroelectronics STLC5465B Datasheet HTML 67Page - STMicroelectronics STLC5465B Datasheet HTML 68Page - STMicroelectronics STLC5465B Datasheet HTML 69Page - STMicroelectronics STLC5465B Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Delay NDTACK / NCS0/1 (if t3 > t1), (30pF)
Delay when immediate access
V DD =5V
V DD = 3.3V
0
0
98
108
ns
ns
t2
Hold Time Chip Select / NDS rising edge
0
ns
t3
Delay NDSACK1 / NDS Falling Edge (if t1> t3), (30pF)
Delay when immediate access
V DD =5V
V DD = 3.3V
0
0
98
108
ns
ns
t4
Delay NDSACK 1/ NDS Rising Edge
V DD =5V
V DD = 3.3V
20
30
ns
ns
t5
Set-up Time Address and R/W/last NDS or NCS
0
ns
t6
Hold Time Address / NDS
0
ns
t9
Set-up Time Data / NDS
0
ns
t10
Hold Time Data / NDS
7
ns
NCS0/1
NDSACK0/
NDTACK
NDSACK1/
READY
NAS /
ALE
NDS /NRD
SIZE0/ NLDS
SIZE1/ NUDS
A 0/23
R/W / NWR
D0/15
t1
t2
t5
t6
t4
t9
t10
t3
Figure 55 : 68020 Write Cycle
VII - MICROPROCESSOR TIMING (continued)
STLC5465B
66/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com