Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 44 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 40Page - STMicroelectronics STLC5465B Datasheet HTML 41Page - STMicroelectronics STLC5465B Datasheet HTML 42Page - STMicroelectronics STLC5465B Datasheet HTML 43Page - STMicroelectronics STLC5465B Datasheet HTML 44Page - STMicroelectronics STLC5465B Datasheet HTML 45Page - STMicroelectronics STLC5465B Datasheet HTML 46Page - STMicroelectronics STLC5465B Datasheet HTML 47Page - STMicroelectronics STLC5465B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
IV - DC SPECIFICATIONS
IV.1 - Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDD
5V Power Supply Voltage
-0.5, 6.5
V
Input or Output Voltage
-0.5, VDD + 0.5
V
Tstg
Storage Temperature
-55, +125
°C
IV.2 - Power Dissipation
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
P
Power Dissipation
VDD =5V
VDD = 3.3V
300
100
400
130
mW
mW
IV.3 - Recommended DC Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
5V Power Supply Voltage
4.75
5.25
V
3.3V Power Supply Voltage
3
3.6
V
Toper
Operating Temperature
-40
+85
°C
Note 1 : All the following specifications are valid only within these recommended operating conditions.
IV.4 - TTL Input DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
VDD = 5V; VDD = 3.3V
0.8
V
VIH
High Level Input Voltage
VDD = 5V; VDD = 3.3V
2.0
V
IIL
Low Level Input Current
VI =0V
1
µA
IIH
High Level Input
VI =VDD
-1
µA
Vhyst
Schmitt Trigger hysteresis
VDD =5V
VDD = 3.3V
0.4
0.3
0.7
0.5
1
0.8
V
V
VT+
Positive Trigger Voltage
VDD =5V
VDD = 3.3V
2
1.4
2.4
2
V
V
VT-
Negative Trigger Voltage
VDD =5V
VDD = 3.3V
0.6
0.6
0.8
0.9
V
V
CIN
Input Capacitance (see Note 2)
f = 1MHz @ 0V
2
4
pF
COUT
Output Capacitance
4
CI/O
Bidirextional I/O Capacitance
4
8
Note 2 : Excluding package
IV.5 - CMOS Output DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOL
Low Level Output Voltage
IOL = X mA (see Note 3)
0.4
V
VOH
High Level Output Voltage
IOH = -X mA (see Note 3)
VDD-0.4
V
Note 3 :
X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability.
X = 4 or 8mA.
IV.6 - Protection
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VESD
Electrostatic Protection
C = 100pF, R = 1.5k
Ω
2000
V
The values indicated in the tables from pag. 44 to pag. 67 are referred to VDD = 5V if not otherwise
specificated.
STLC5465B
44/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com