Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 43 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 39Page - STMicroelectronics STLC5465B Datasheet HTML 40Page - STMicroelectronics STLC5465B Datasheet HTML 41Page - STMicroelectronics STLC5465B Datasheet HTML 42Page - STMicroelectronics STLC5465B Datasheet HTML 43Page - STMicroelectronics STLC5465B Datasheet HTML 44Page - STMicroelectronics STLC5465B Datasheet HTML 45Page - STMicroelectronics STLC5465B Datasheet HTML 46Page - STMicroelectronics STLC5465B Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 101 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
INITIALIZATION
BLOC K
HDLC (Tx a nd Rx)
INTER RUP T QUE UE
MON (Rx)
INTER RUP TQUE UE
C/I (Rx)
INTER RUP T QUE UE
IBA
IBA + 254
IBA + 256
IBA + 256
+ HDLC
Que ue Size
IBA + 256
+ HDLC
Que ue S ize
+ MON
Que ue S ize
Figure 33 : The Three Circular Interrupt Memories
III.9 - Watchdog
This function is used to control the activity of the
application. It is composed of a counter which
counts down from an initial value loaded in the
Timer register by the microprocessor.
If the microprocessor doesn’t reset this counter
before it is totally decremented, the external Pin
WDO is activated ; this signal can be used to reset
the microprocessor and all the application.
The initial time value of the counter is programma-
ble from 0 to 15s in increments of 0.25ms.
At the reset of the component, the counter is auto-
matically initialized by the value corresponding to
512ms which are indicated in the Timer register.
The microprocessor must put WDR (IDCR Regis-
ter) to”1” to reset this counter and to confirm that
the application started correctly.
In the reverse case, the WDO signal could be used
to reset the board a second time.
The FS signal (8kHz) divided by two or the XTAL1
signal (typically 32768kHz) divided by 8192 can be
selected to increment the counter. At reset the
watchdog is incremented by the XTAL1 signal.
III.10 - Reset
There are two possibilities to reset the circuit :
- by software,
- by hardware.
Each programmable register receives its default
value. After that, the default value of each data
register is stored in the associated memory except
for Time slot Assigner memory.
III.11 - Boundary Scan
The Multi-HDLC is equipped with an IEEE Stand-
ard Test Access Port (IEEEStd1149.1).The bound-
ary scan technique involves the inclusion of a shift
register stage adjacent to each component pin so
that signals at component boundaries can be con-
trolled and observed using scan testing principle.
Its intention is to enable the test of on board inter-
connections and ASIC production tests.
The external interface of the Boundary Scan is
composed of the signals TDI, TDO, TCK, TMS and
TRST as defined in the IEEE Standard.
STLC5465B
43/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com