Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 85 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 81Page - STMicroelectronics STLC5465B Datasheet HTML 82Page - STMicroelectronics STLC5465B Datasheet HTML 83Page - STMicroelectronics STLC5465B Datasheet HTML 84Page - STMicroelectronics STLC5465B Datasheet HTML 85Page - STMicroelectronics STLC5465B Datasheet HTML 86Page - STMicroelectronics STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics STLC5465B Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
bit15
bit8
bit7
bit 0
ANA11 VCI11 V*11 VM11 ANA10 VCI10 V*10 VM10 ANA01 VCI01 V*01 VM01 ANA00 VCI00 V*00 VM00
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 1
GCI CHANNEL 0
After reset (0000)H
VMxy
: VALIDATION of MONITOR CHANNELx, MULTIPLEX y :
When this bit is at 1, monitor channel xy is validated.
When this bit is at 0, monitor channel xy is not validated.
On line to reset (if necessary) one MON channel which had been selected previously VMxy must
be put at 0 during 125ms before reselecting this channel. Deselecting one MON channel during
125ms resets this MON channel.
V*xy
: VALIDATION of V Starx, MULTIPLEX y
When this bit is at 1, V Star protocol is validated if VMxy=1.
When this bit is at 0, GCI Monitor protocol is validated if VMxy=1.
VCxy
: VALIDATION of Command/Indicate CHANNEL x, MULTIPLEXy
When this bit is at 1, Command/Indicate channelxy is validated.
When this bit is at 0, Command/Indicate channelxy is not validated.
It is necessary to let VCxy at ”0” during 125ms to initiate the Command/Indicate channel.
ANAxy : ANALOG APPLICATION
When this bit is at 1, Primitive has 6 bits if C/Ixy is validated.
When this bit is at 0, Primitive has 4 bits if C/Ixy is validated.
VIII.19 - GCI Channels Definition Register 1 - GCIR1 (24)H
bit15
bit8
bit7
bit 0
ANA31 VCI31 V*31 VM31 ANA30 VCI30 V*30 VM30 ANA21 VCI21 V*21 VM21 ANA20 VCI20 V*20 VM20
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 3
GCI CHANNEL 2
After reset (0000)H
For definition see GCI Channels Definition Register above.
VIII.20 - GCI Channels Definition Register 2 - GCIR2 (26)H
bit15
bit8
bit7
bit 0
ANA51 VCI51 V*51 VM51 ANA50 VCI50 V*50 VM30 ANA41 VCI41 V*41 VM41 ANA40 VCI40 V*40 VM40
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 5
GCI CHANNEL 4
After reset (0000)H
For definition see GCI Channels Definition Register above.
VIII.21 - GCI Channels Definition Register 3 - GCIR3 (28)H
bit15
bit8
bit7
bit 0
ANA71 VCI71 V*71 VM71 ANA70 VCI70 V*70 VM70 ANA61 VCI61 V*61 VM61 ANA60 VCI60 V*60 VM60
TDM5
TDM4
TDM5
TDM4
GCI CHANNEL 7
GCI CHANNEL 6
After reset (0000)H
For definition see GCI Channels Definition Register above.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
85/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com