Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 78 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 74Page - STMicroelectronics STLC5465B Datasheet HTML 75Page - STMicroelectronics STLC5465B Datasheet HTML 76Page - STMicroelectronics STLC5465B Datasheet HTML 77Page - STMicroelectronics STLC5465B Datasheet HTML 78Page - STMicroelectronics STLC5465B Datasheet HTML 79Page - STMicroelectronics STLC5465B Datasheet HTML 80Page - STMicroelectronics STLC5465B Datasheet HTML 81Page - STMicroelectronics STLC5465B Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
The OTS4/0 and OM0 bits of Destination Register (DSTR of CMAR) indicate the output timeslot number.
(OM0 bit is the Least Significant Bit; it indicates either even timeslot or odd timeslot
OTS4
(bit4)
OTS3
(bit3)
OTS2
(bit2)
OTS1
(bit1)
OTS0
(bit0)
OMO
(bit5)
Output timeslot number
0000
0
0
0
0000
0
1
1
0000
1
0
2
0000
1
1
3
==
1111
1
1
63
Nota Bene:
- CLOCK A/B is at 4 or at 8 MHz in accordance with HCL bit of General Configuration Register GCR (02).
HCL=1, bit clock frequency is at 8 192 KHz.
For a TDM at 4 Mbit/s or 2Mbit/s, each received bit is sampled at 3/4 bit-time.
HCL=0, bit clock frequency is at 4 096 KHz
For a TDM at 4 Mbit/s, each received bit is sampled at half bit-time.
For a TDM at 2 Mbit/s, each received bit is sampled at 3/4 bit-time.
The definition of IMCRO/1, OMCRO/1 are kept with bit time = 244 ns
Remarks:
- OM0, bit5 of DSTR indicates either even TDM or odd TDM if TDM at 2 Mb/s.
- OM0, bit5 of DSTR indicates either even Output timeslot or odd Output timeslot if TDM at 4 Mb/s.
- IM0, bit5 of SRCR indicates either even TDM or odd TDM if TDM at 2 Mb/s.
- IM0, bit5 of SRCR indicates either even Output timeslot or odd Output timeslot if TDM at 4 Mb/s.
- CAC = CACL = 0, DSTR is the Address Register of the Connection Memory;
- CAC or CACL = 1, DSTR is used to indicate the current address for the Connection Memory ; its contents
is assigned to the outputs.
CM = 0, access to data memory (read only) ;
- DSTR is the Address Register of the Data Memory; its contents is assigned to the inputs.
ACCESS MODE REGISTER (AMR)
READ : READ MEMORY
READ = 1, Read Connection Memory (or Data Memory in accordance with CM).
READ = 0, Write Connection Memory.
CM
: CONNECTION MEMORY
CM = 1, Write or Read Connection Memory in accordance with READ.
CM = 0, Read only Data Memory (READ = 0 has no effect).
BID
: BIDIRECTIONAL CONNECTION
BID = 1; Two connections are set up:
ITSx ITDMp ------> OTSy OTDMq (LOOP of CMDR Register is taken into account) and
ITSy ITDMq ------> OTSx OTDMp (LOOP of CMDR Register is not taken into account).
BID = 0; One connection is set up:
ITSx ITDMp ------> OTSy OTDMq only.
CAC
: CYCLICAL ACCESS
CAC = 1 (BID is ignored)
if Write Connection Memory, an automatic data write from Connection Memory Data Register
(CMDR) up to 256 locations of Connection Memory occurs. The first address is indicated by the
register DSTR, the last is (FF)H.
if Read Connection Memory, an automatic transfer of data from the location indicated by the
register (DSTR) into Connection Memory Data Register (CMDR) after reading by the
microprocessor occurs. The last location is (FF)H.
CAC = 0, Write and Read Connection Memory in the normal way.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
78/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com