Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 50 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 46Page - STMicroelectronics STLC5465B Datasheet HTML 47Page - STMicroelectronics STLC5465B Datasheet HTML 48Page - STMicroelectronics STLC5465B Datasheet HTML 49Page - STMicroelectronics STLC5465B Datasheet HTML 50Page - STMicroelectronics STLC5465B Datasheet HTML 51Page - STMicroelectronics STLC5465B Datasheet HTML 52Page - STMicroelectronics STLC5465B Datasheet HTML 53Page - STMicroelectronics STLC5465B Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 101 page
background image
VI - MEMORY TIMING (continued)
T
Tota l Write Cycle
Tu
HZ
HZ
HZ
HZ
Ea ch s ignal from the MHDLC is high
impe dance outside this time if MBL = 0
a
a
a
1/f
NDS fr o m
µP
(or equivalent)
MASTE RCLOCK
a pplied to XTAL1 P in
ADM0/10
NWE
NOE
DM0/15
No te : S e e
MBL Definition
a
a
a
NRAS 0/3
Tv
NCAS 0/1
Tw
Tz
Tv/2
Td
Figure 39 : Dynamic Memory Write Signals from the
Multi-HDLC
Symbol
Parameter
Min.
Typ.
Max.
Unit
f
f : Masterclock Frequency
32
33
MHz
Tu
Delay between beginning of cycle and NRAS Falling Edge
1/f
2/f
ns
Tv
Delay between NRAS Falling Edge and NCAS Falling Edge
1/f
2/f
ns
Tw
Delay between NCAS Falling Edge and NWE Rising Edge
1/f
2/f
ns
Tz
Delay between NWE Rising Edge and end of cycle
1/f
2/f
ns
Tv/2
Delay between NRAS Falling Edge and address change
1/2f
1/f
ns
Td
Data Valid after beginning of cycle (30 pF)
1/f
1/f
ns
Note : Total Cycle : Tu + Tv + Tw + Tz
STLC5465B
50/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com