Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 88 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 84Page - STMicroelectronics STLC5465B Datasheet HTML 85Page - STMicroelectronics STLC5465B Datasheet HTML 86Page - STMicroelectronics STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics STLC5465B Datasheet HTML 89Page - STMicroelectronics STLC5465B Datasheet HTML 90Page - STMicroelectronics STLC5465B Datasheet HTML 91Page - STMicroelectronics STLC5465B Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
NOBT : NUMBER OF BYTE which has been transmitted.
NOBT = 1, the first byte is transmitting.
NOB T = 0, the second byte is transmitting, the first byte has been transmitted.
L
: Last byte ; this L bit is the L bit which has been written by the microprocessor.
ABT
: ABORT
ABT=1, the remote receiver has aborted the current message.
TO
: Time Out one millisecond
TO = 1, the remote receiver has not acknowledged the byte which has been transmitted one
millisecond ago.
VIII.24 - Transmit Monitor Data Register - TMDR (2E)H
bit15
bit8
bit7
bit 0
M18
M17
M16
M15
M14
M13
M12
M11
M08
M07
M06
M05
M04
M03
M02
M01
After reset (FFFF)H
M08/01 : First Monitor Byte to transmit. M08 bit is transmitted first.
M18/11 : Second Monitor Byte to transmit if NOB = 0 (bit of TMAR). M18 bit is transmitted first.
VIII.25 - Transmit Monitor Interrupt Register - TMIR (30)H
bit15
TDM5
bit8
bit7
TDM4
bit 0
MI71
MI61
MI51
MI41
MI31
MI21
MI11
MI01
MI70
MI60
MI50
MI40
MI30
MI20
MI10
MI00
After reset (0000)H
When the microprocessor read this register, this register is reset (0000)H.
MIxy
: Transmit Monitor Channel x Interrupt, Multiplex y with :
0
≤ x ≤ 7, 1 of 8 GCI CHANNELS belonging to the same multiplex TDM4 or TDM5
y = 0, GCI CHANNEL belongs to the multiplex TDM4 and y = 1 to TDM5.
MIxy = 1 when :
- a word has been transmitted and pre-acknowledged by the Transmit Monitor Channel xy (In
this case the Transmit Monitor Data Register (TMDR) is available to transmit a new word) or
- the message has been aborted by the remote receive Monitor Channel or
- the Timer has reached one millisecond (in accordancewith TIV bit of TMAR) by IM3 bit of IMR.
When MIxy goes to ”1”, the Interrupt MTX bit of IR is generated. Interrupt MTX can be masked.
VIII.26 - Memory Interface Configuration Register - MICR (32)H
bit15
bit8
bit7
bit 0
P41
P40
P31
P30
P21
P20
P11
P10
Z
W
V
U
T
S
R
REF
After reset (E4F0)H
REF
: MEMORY REFRESH
REF = 1, DRAM REFRESH is validated,
REF = 0, DRAM REFRESH is not validated.
R,S,T
: These three bits define the external RAM circuit organization (1word=2bytes)
The cycle duration is always 15.625ms (512 periods of the clock applied on XTAL1 pin).
TS
R
If refresh
0
0
0
128K x 8 SRAM circuit (up to 512K words)
0
0
1
512K x 8 SRAM circuit (up to 512K words)
0
1
0
256K x 16 DRAM circuit (up to 1M word)
512 cycles / 8ms
0
1
1
1M x 4 (or 16) bits DRAM circuit (up to 4M words)
1024 cycles / 16ms
1
0
0
4M x 4 (or 16) bits DRAM circuit (up to 8M words)
2048 cycles / 32ms
1
0
1
101 to 111 not used (this writting is forbidden)
The cycle duration is always 15.625ms (512 periods of the clock applied on XTAL1 Pin).
VIII - INTERNAL REGISTERS (continued)
STLC5465B
88/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com