Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 81 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 77Page - STMicroelectronics STLC5465B Datasheet HTML 78Page - STMicroelectronics STLC5465B Datasheet HTML 79Page - STMicroelectronics STLC5465B Datasheet HTML 80Page - STMicroelectronics STLC5465B Datasheet HTML 81Page - STMicroelectronics STLC5465B Datasheet HTML 82Page - STMicroelectronics STLC5465B Datasheet HTML 83Page - STMicroelectronics STLC5465B Datasheet HTML 84Page - STMicroelectronics STLC5465B Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 101 page
background image
VIII.13 - HDLC Transmit Command Register - HTCR (18)H
bit15
bit8
bit7
bit 0
CH4
CH3
CH2
CH1
CH0
READ
Nu
CF
PEN
CSMA
NCRC
F
P1
P0
C1
C0
After reset (0000)H
READ : READ COMMAND MEMORY
READ = 1, READ COMMAND MEMORY.
READ = 0, WRITE COMMAND MEMORY.
CH0/4 : These five bits define one of 32 channels.
C1/C0 : COMMAND BITS
C1
C0
Commands Bits
0
0
ABORT ; if this command occurs during the current frame, HDLC Controller transmits seven ”1”
immediately, afterwards HDLC Controller transmits ”1” or flag in accordance with F bit, generates
an interrupt and waits new command such as START orn CONTINUE.
If this command occurs after transmitting a frame, HDLC Controller generates an interrupt and
waits a new command such as START or CONTINUE.
0
1
START ; Tx DMA Controller is now going to transfer first frame from buffer related to initial
descriptor. The initial descriptor address is provided by the Initiate Block located in external
memory.
1
0
CONTINUE ; Tx DMA Controller is now going to transfer next frame from buffer related to next
descriptor. The next descriptor address is provided by the previous descriptor from which the
related frame had been already transmitted.
1
1
HALT ; after transmitting frame, HDLC Controller transmits ”1” or flag in accordance with F bit,
generates an interrupt and is waiting new command such as START or CONTINUE.
P0/1
: PROTOCOL BITS
P1
P0
Transmission Mode
0
0
HDLC
0
1
Transparent Mode 1 (per byte) ; the fill character defined in FCR Register is taken into account.
1
0
Transparent Mode 2 (per byte) ; the fill character defined in FCR Register is not taken into account.
1
1
Reserved
F
: Flag
F = 1 ; flags are transmitted between closing flag of current frame and opening flag of next frame.
F = 0 ; ”1” are transmitted between closing flag of current frame and opening flag of next frame.
NCRC : CRC NOT TRANSMITTED
NCRC = 1, the CRC is not transmitted at the end of the frame.
NCR C =0, the CRC is transmitted at the end of the frame.
CSMA : Carrier Sense Multiple Access with Contention Resolution
CSMA = 1, CB output and the Echo Bit are taken into account during this channel transmission
by the Tx HDLC.
CSMA = 0, CB output and the Echo Bit are defined by V11 (see ” Time slot Assigner Data
Register TADR (16)H”).
VIII - INTERNAL REGISTERS (continued)
STLC5465B
81/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com