Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 73 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 69Page - STMicroelectronics STLC5465B Datasheet HTML 70Page - STMicroelectronics STLC5465B Datasheet HTML 71Page - STMicroelectronics STLC5465B Datasheet HTML 72Page - STMicroelectronics STLC5465B Datasheet HTML 73Page - STMicroelectronics STLC5465B Datasheet HTML 74Page - STMicroelectronics STLC5465B Datasheet HTML 75Page - STMicroelectronics STLC5465B Datasheet HTML 76Page - STMicroelectronics STLC5465B Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 101 page
background image
DR64
: Data Rate of TDM6 is at 4Mb/s.Case:M1=M0=0
DR64 = 1, the signal received from DIN6 pin and the signal delivered by Dout6 pin are at 4Mb/s.
DIN7 pin and DOUT7 pin are ignored.
The Switching Matrix cannot be used to switch the channels to/from the HDLC controllers but
the RX HDLC controller can be connectedto DIN8 and the TX HDLC controller can be connected
to CB pin.
The Time Division Multiplex 6 is constituted by 64 timeslots numbered from 0 to 63.
DR64 = 0, the signals received from DIN6/7 pins and the signals delivered by Dout6/7 pins are
at 2M b/s.
M1/0
: Data Rate of TDM0/8;
these two bits indicatethe data rate of heightTime Division Multiplexes TDM0/7 relative to DIN0/7
and DOUT0/7. The table below shows the different data rates with the clock frequency defined
by HCL bit (General Configuration Register).
M1
M0
Data Rate of TDM0/7 in Kbit/s
CLOCKA/B signal frequency
HCL = 0
HCL = 1
0
0
2048 (or 4096 in accordance with DR0x4)
4096KHz
8192KHz
0
1
1536 (or 3072 in accordance with DR0x4)
3072KHz
6144KHz
1
0
Reserved
1
1
Reserved
SW
: Switching at 32 Kbit/s for the TDM0 (DIN0/DOUT0)
SW0=1
DIN0 can receive 64 channels at 32 Kbit/s if Data Rate of TDM0 is at 2048 Kbit/s.
DOUT0 can deliver 64 channels at 32 Kbit/s.
DIN2/DOUT2 are not available.
DIN2 is used to receive internally TDM0 (DIN0) 4 bit-times shifted
DOUT2 is used to multiplex internally TDM2 and TDM4. Downstream switching at 32 kb/s on
page 22.
SW1
: SW1: Switching at 32 Kbit/s for the TDM1 (DIN1/DOUT1)
SW1=1
DIN1 can receive 64 channels at 32 Kbit/s if Data Rate of TDM1is at 2048 Kbit/s.DOUT0 can
deliver 64 channels at 32 Kbit/s.
DIN3/DOUT3 are not available.
DIN3 is used to receive internally TDM1(DIN1) and to shift it (4 bit-times)DOUT3 is used to
multiplex internally TDM3 and TDM5. Downstream switching at 32 kb/s on page 22.
SW1=0
DIN0 receive 32 (or 24) channels at 64 Kbit/s or 64 (or 48) channels at 64 Kbit/s depending on
DR04 bit.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
73/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com