Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 77 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 73Page - STMicroelectronics STLC5465B Datasheet HTML 74Page - STMicroelectronics STLC5465B Datasheet HTML 75Page - STMicroelectronics STLC5465B Datasheet HTML 76Page - STMicroelectronics STLC5465B Datasheet HTML 77Page - STMicroelectronics STLC5465B Datasheet HTML 78Page - STMicroelectronics STLC5465B Datasheet HTML 79Page - STMicroelectronics STLC5465B Datasheet HTML 80Page - STMicroelectronics STLC5465B Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
SCR
(cont’d)
: The scrambler is enabled when the output timeslot defined by the destination register (DSTR)
is an output timeslot belonging to any TDM except the two GCI multiplexes; the contents of this
output timeslot will be scrambled in accordance with the IUT-T V.29 Rec.
The descrambler is enabled when the output timeslot defined by the destinationregister (DSTR)
is an output timeslot belonging to the two GCI multiplexes except any TDM; the contents of this
output timeslot is descrambled in accordance with the IUT-T V.29 Rec.
Only 32 timeslots of 256 can be scrambled or/and descrambled:
GCI side, only B1 and B2 can be selected in each GCI channel (16 GCI channels are available:
8 per GCI multiplex).
*TDMside, it is forbiddento select a giventimeslot morethanoncewhenseveral TDMsare selected.
SCR=0,thescrambler orthedescrambleraredisabled;thecontentsofoutputtimeslotsarenotmodified.
VIII.9 - Connection Memory Address Register - CMAR (10)H
ACCESS MODE REGISTER (AMR)
DESTINATION REGISTER (DSTR)
bit15
bit8
bit7
bit 0
Nu
Nu
TC
CACL
CAC
BID
CM
READ OM2
OM1
OM0
OTS4 OTS3 OTS2 OTS1 OTS0
After reset (0800)H
This 16 bit register is constituted by two registers : DESTINATIONREGISTER (DSTR) and ACCESS MODE
REGISTER (AMR) respectively 8 bits and 6 bits.
DESTINATION REGISTER (DSTR)
When DSTR Register is written by the microprocessor, a memory access is launched. DSTR has two use
modes depending on CM (bit of CMAR).
CM = 1, access to connection memory (read or write) ;
OTS 0/4 : Output time slot 0/4 define OTSy with : 0
≤ y ≤ 31,
OM0/2
: Output Time Division Multiplex 0/2 define OTDMq with : 0
≤ q ≤ 7.
See table hereafter when DR04, DR24, DR44 and/or DR64 are at “1”; the bits of SMCR define the TDMs
at 4 Mbit/s.
The IM2/1 bits of Source Register (SRCR of CMDR) indicate the DIN pin number and the OM2/1 bits of
Destination Register (DSTR of CMAR) indicate the Dout pin number.
IM2 (bit7)
IM1 (bit6)
DIN pin
OM2 (bit7)
OM1(bit6)
DOUT pin
0
0
DIN0
0
0
DOUT0
0
1
DIN2
0
1
DOUT2
1
0
DIN4
1
0
DOUT4
1
1
DIN6
1
1
DOUT6
The ITS4/0 and IM0 bits of Source Register (SRCR of CMDR) indicate the input timeslot number. (IM0 bit
is the Least Significant Bit; it indicates either even timeslot or odd timeslot.
ITS4
(bit4)
ITS3
(bit3)
ITS2
(bit2)
ITS1
(bit1)
ITS0
(bit0)
IMO
(bit5)
Input timeslot number
0000
0
0
0
0000
0
1
1
0000
1
0
2
0000
1
1
3
==
1111
1
1
63
VIII - INTERNAL REGISTERS (continued)
STLC5465B
77/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com