Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 22Page - STMicroelectronics STLC5465B Datasheet HTML 23Page - STMicroelectronics STLC5465B Datasheet HTML 24Page - STMicroelectronics STLC5465B Datasheet HTML 25Page - STMicroelectronics STLC5465B Datasheet HTML 26Page - STMicroelectronics STLC5465B Datasheet HTML 27Page - STMicroelectronics STLC5465B Datasheet HTML 28Page - STMicroelectronics STLC5465B Datasheet HTML 29Page - STMicroelectronics STLC5465B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
III.2.1.3 - Description and Functions of the
HDLC Bytes
- FLAG
The binary sequence 01111110 marks the begin-
ning and the end of the HDLC Frame.
Note : In reception, three possible flag configura-
tions are allowed and correctly detected :
- two normal consecutive flags :
...0111111001111110...
- two consecutive flags with a ”0” common :
...011111101111110...
- a global common flag : ...01111110...
this flag is the closing flag for the current frame
and the opening flag for the next frame
- ABORT
The binary sequence 1111111 marks an Abort
command.
In reception, seven consecutive1’s, inside a mes-
sage, are detected as an abort command and
generates an interrupt to the host.
In transmit direction, an abort is sent upon com-
mand of the micro-processor. No ending flag is
expected after the abort command.
- BIT STUFFING AND UNSTUFFING
This operation is done to avoid the confusion of
a data byte with a flag.
In transmission, if five consecutive 1’s appear in
the serial stream being transmitted, a zero is auto-
matically inserted (bit stuffing) after he fifth ”1”.
In reception, if five consecutive ”1” followed by a
zero are received, the ”0” is assumed to have
been inserted and is automatically deleted (bit
unstuffing).
- FRAME CHECK SEQUENCE
TheFrame Check Sequenceis calculatedaccording
to the recommendationQ921 of the CCITT.
- ADDRESS RECOGNITION
In the frame, one or two bytes are transmitted to
indicate the destination of the message.
Two types of addresses are possible :
- a specific destination address
- a broadcast address.
In reception, the controller compares the receive
addresses to internal registers, which contain its
own address. 4 bits in the receive command
register (HRCR) inform the receiver of which
registers, it has to take into account for the com-
parison. The receiver can compare one or two
address bytes of the message to the specific
board address and/or the broadcast address.
For the specific destination address only, the
receiver can compare or not each bit of the two
receive address bytes to the programmable Ad-
dress Field Recognition register. An Address
Field Recognition Mask register is associated to
each Address Field Recognition register; so each
received address bit can be masked or not indi-
vidually.
The programmable AddressField Recognitionreg-
ister is located in the Address Field Recognition
MemoryandtheprogrammableAddressFieldRec-
ognition Mask register is located in the Address
Field Recognition Mask Memory.
Upon an address match, the address and the
data following are written to the data buffers; upon
an address mismatch, the frame is ignored. So,
it authorizes the filtering of the messages. If no
comparison is specified, each frame is received
whatever its address field.
In Transmission, the whole of the transmit frame
is locatedin shared memory; the controller sends
the frame including the destination or broadcast
addresses.
III.2.2 - CSMA/CR Capability
An HDLC channel can come in and go out by any
TDM input on the matrix. For time constraints,
direct HDLC Access is achieved by the input TDM
(DIN 8) and the output TDM (DOUT6).
In transmission, a time slot of a TDM can be shared
between different sources in Multi-point to point
configuration(differentsubscriber’sboardsfor exam-
ple).The arbitrationsystem is the CSMA/CR (Carrier
Sense Multiple access with Contention Resolution).
The contention is resolved by a bus connected to
the CB pin (Contention Bus). This bus is a 2Mbit/s
wire line common to all the potential sources.
If a Multi-HDLC has obtained the access to the bus,
the data to transmit is sent simultaneouslyon the CB
line and the output TDM. The result of the contention
is read backon the Echoline. If a collisionis detected,
the transmission is stopped immediately. A conten-
tion on a bit basis is so achieved. Each message to
be sent with CSMA/CR has a priority class (PRI = 8,
10) indicated by the Transmit Descriptor and some
rules are implemented to arbitrate the access to the
line. The CSMA/CR Algorithm is given. When a re-
quest to send a message occurs, the transmitter
determines if the shared channel is free. The
Multi-
HDLC listenstotheEcholine.If C or more consecutive
”1” are detected (C depending on the message’s
priority), the
Multi-HDLC begins to send its message.
Eachbit sent is sampled back and compared with the
original value to send. If a bit is different, the transmis-
sion is instantaneouslystopped(beforethe end of this
bit time) andwill restart as soon as the
Multi-HDLC will
detectthat the channel is freewithout interrupting the
microprocessor.
After a successful transmission of a message, a
III - FUNCTIONAL DESCRIPTION (continued)
STLC5465B
26/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com