Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 79 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 75Page - STMicroelectronics STLC5465B Datasheet HTML 76Page - STMicroelectronics STLC5465B Datasheet HTML 77Page - STMicroelectronics STLC5465B Datasheet HTML 78Page - STMicroelectronics STLC5465B Datasheet HTML 79Page - STMicroelectronics STLC5465B Datasheet HTML 80Page - STMicroelectronics STLC5465B Datasheet HTML 81Page - STMicroelectronics STLC5465B Datasheet HTML 82Page - STMicroelectronics STLC5465B Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
CACL : CYCLICAL ACCESS LIMITED
CACL = 1 (BID is ignored)
If Write Connection Memory, an automatic data write from Connection Memory Data Register
(CMDR) up to 32 locations of Connection Memory occurs. The first location is indicated by OTS
0/4bits of the register (DSTR) related to OTDMq as defined by OM0/2 occurs. The last location
is q +1 F(H).
If Read Connection Memory, an automatic transfer of data from Connection Memory into
Connection Memory Data Register (CMDR) after reading this last by the microprocessor
occurs.The first location is indicated by OTS 0/4 bits of the register (DSTR) related to OTDMq
as defined by OM0/2. The last location is q +1 F(H).
CACL = 0, Write and Read Connection Memory in the normal way.
TC
: Transparent Connection
TC = 1, (BID is ignored), if READ = 0 :
CAC = 0 and CACL = 0. The DSTR bits are taken into account instead of SRCR bits. SRCR bits
are ignored (Destination and Source are identical). The contents of Input time slot i - Input
multiplex j is switched into Output time slot i - Output multiplex j.
CAC = 0 and CACL = 1. Up to 32 ”Transparent Connections” are set up.
CAC = 1 and CACL = 0. Up to 256 ”Transparent Connections” are set up.
TC = 0, Write and Read Connection Memory are in accordance with BID.
VIII.10 - Sequence Fault Counter Register - SFCR (12)H
bit15
bit8
bit7
bit 0
F15
F14
F13
F12
F11
F10
F9
F8F7F6
F5F4
F3F2F1
F0
After reset (0000)H
When this register is read by the microprocessor, this register is reset (0000)H.
F0/15 : FAULT0/15
Number of faults detected by the Pseudo Random Sequence analyzer if the analyzer has been
validated and has recovered the receive sequence.
When the Fault Counter Register reaches (00FF)H it stays at its maximum value.
NB. As the SFCR is reset after reading, a 8-bit microprocessor must read the LSB that will represent the
number of faults between 0 and 255. To avoid overflow escape notice, it is necessary to start counting
at FF00h, by writing this value in SFCR before launching PRSA. If there are more than FFh errors, the
SFCO interrupt bit (see interrupt register IR -38H address) will signal that the fault count register has
reached the value FFFFh (because of the number of faults exceeded 255).
VIII.11 - Time Slot Assigner Address Register - TAAR (14)H
bit15
bit8
bit7
bit 0
TS4
TS3
TS2
TS1
TS0
READ
Nu
HDI
r
e
s
e
r
v
e
d
After reset (0100)H
READ : READ MEMORY
READ = 1, Read Time slot Assigner Memory.
READ = 0, Write Time slot Assigner Memory.
TS0/4 : TIME SLOTS0/4
These five bits define one of 32 time slots in which a channel is set-up or not.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
79/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com