Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 91 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics STLC5465B Datasheet HTML 89Page - STMicroelectronics STLC5465B Datasheet HTML 90Page - STMicroelectronics STLC5465B Datasheet HTML 91Page - STMicroelectronics STLC5465B Datasheet HTML 92Page - STMicroelectronics STLC5465B Datasheet HTML 93Page - STMicroelectronics STLC5465B Datasheet HTML 94Page - STMicroelectronics STLC5465B Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
TBFS
: Time Base running with Frame Synchronisation signal
TBFS=1, the Time Base defined by the Timer Register (see page 92) is running on the rising
edge of Frame Synchronisation signal.
TBFS=0, the Time Base defined by the Timer Register is running on the rising edge of MCLK
signal.
VIII.29 - Interrupt Register - IR (38)H
bit15
bit8
bit7
bit 0
Nu
Nu
SFCO PRSR
TIM
INT
FOV
INT
FWAR
Tx
FOV
Tx
FWAR
Rx
FOV
Rx
FWAR
ICOV
MTX MRX C/IRX HDLC
After reset (0000)H
This register is read only.
When this register is read by the microprocessor, this register is reset (0000)H.
If not masked, each bit at ”1” generates ”1” on INT0 pin.
HDLC
: HDLC INTERRUPT
HDLC = 1, Tx HDLC or Rx HDLC has generated an interrupt The status is in the HDLC
queue.
C/IRX
: Command/Indicate Rx Interrupt
C/IRX = 1, Rx Commande/Indicate has generated an interrupt. The status is in the HDLC
queue.
MRX
: Rx MONITOR CHANNEL INTERRUPT
MRX = 1, one Rx MONITOR CHANNEL has generated an interrupt.The status is in the Rx
Monitor Channel queue.
MTX
: Tx MONITOR CHANNEL INTERRUPT
MTX = 1, one or several Tx MONITOR CHANNELS have generated an interrupt. Transmit
Monitor Interrupt Register (TMIR) indicates the Tx Monitor Channels which have generated
this interrupt.
ICOV
: INTERRUPT CIRCULAR OVERLOAD
ICOV = 1, One of three circular interrupt memories is completed.
RxFWAR
: Rx DMA CONTROLLER FIFO WARNING
RxFWAR = 1, Rx DMA CONTROLLER has generated an interrupt, its fifo is 3/4 completed.
RxFOV
: Rx DMA CONTROLLER FIFO OVERLOAD
RxFOV = 1, Rx DMA CONTROLLER has generatedan interrupt, it cannot transfer data from
Rx HDLC to external memory, its fifo is completed.
TxFWAR
: Tx DMA CONTROLLER FIFO WARNING
TxFWAR = 1, Tx DMA CONTROLLER has generated an interrupt, its fifo is 3/4 completed.
TxFOV
: Tx DMA CONTROLLER FIFO OVERLOAD
TxFOV = 1, Tx DMA CONTROLLER has generated an interrupt, it cannot transfer data from
Tx HDLC to external memory, its fifo is completed.
INTFWAR : INTERRUPT CONTROLLER FIFO WARNING
INTFWAR = 1, INTERRUPT CONTROLLER has generated an interrupt, its fifo is 3/4
completed.
INTFOV
: INTERRUPT CONTROLLER FIFO OVERLOAD
INTFOV = 1, INTERRUPT CONTROLLER has generated an interrupt, it cannot transfer
status from DMA and GCI controllers to external memory, its internal fifo is completed.
TIM
: TIMER
TIM = 1, the programmable timer has generated an interrupt.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
91/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com