Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 26Page - STMicroelectronics STLC5465B Datasheet HTML 27Page - STMicroelectronics STLC5465B Datasheet HTML 28Page - STMicroelectronics STLC5465B Datasheet HTML 29Page - STMicroelectronics STLC5465B Datasheet HTML 30Page - STMicroelectronics STLC5465B Datasheet HTML 31Page - STMicroelectronics STLC5465B Datasheet HTML 32Page - STMicroelectronics STLC5465B Datasheet HTML 33Page - STMicroelectronics STLC5465B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 101 page
background image
III.3.2 - GCI and V* Protocol
A TDM can carry 8 GCI channels or V* channels. The monitor and S/C bytes always stand at the same
position in the TDM in both cases.
Channel 0
Channel 1 to Channel 30
Channel 31
TS0
TS1
TS2
TS3
TS28
TS29
TS30
TS31
B1
B2
MON
S/C
B1
B2
MON
S/C
III - FUNCTIONAL DESCRIPTION (continued)
The GCI or V* channels are composed of 4 bytes
and have both the same general structure.
B1
B2
MON
S/C
B1, B2 : Bytes of data. Those bytes are not
affected by the monitor and CI protocols.
MON
: Monitor channel for operation and
maintenance information.
S/C
: Signalling and control information.
Only Monitor handshakes and S/C bytes are dif-
ferent in the three protocols :
ISDN V* S/C byte
D
C/I 4 bits
T
E
ISDN GCI S/C byte
D
C/I 4 bits
A
E
Analog GCI S/C byte
C/I 6 bits
A
E
CI : The Command/Indicate channel is used for
activation/deactivation of lines and control
functions.
D : These 2 bits carry the 16 kbit/s ISDN basic
access D channel.
In GCI protocol, A and E are the handshake bits
and are used to control the transfer of information
on monitor channels.The E bit indicates the trans-
fer of each new byte in one direction and the A bit
acknowledges this byte transfer in the reverse di-
rection.
In V* protocol, there isn’t any handshakemode.The
transmitter has only to mark the validity of the
Monitor byte by positioning the E bit (T is not used
and is forced to ”1”).
For more information about the GCI and V*, refer
to the General Interface Circuit Specification (is-
sue1.0, march 1989) and the France Telecom
Specification about ISDN Basic Access second
generation (November 1990).
III.3.3 - Structure of the Treatment
GCI/V* TDM’s are connected to DIN 4 and DIN 5.
The D channels are switched through the matrix
towards the output 7 and the HDLC receiver. The
Monitor and S/C bytes are multiplexed and sent to
the CI and Monitor receivers (see Figure 14 on
Page 31).
In transmission, the S/C and Monitor bytes are
recombined by multiplexing the information pro-
vided by the Monitor,C/I and the HDLC Transmitter.
Like in reception,the D channel is switched through
the matrix.
III.3.4 - CI and Monitor Channel Configuration
Monitor channel data is located in a time slot ; the
CI and monitor handshakebits are in the next time
slot.
Each channel can be defined independently. A
table with all the possible configurations is pre-
sented hereafter (Table 13).
Table 13 : C/I and MON Channel Configuration
C/I validated or not
CI For analog subscriber (6 bits)
CI For ISDN subscriber (4 bits)
Monitor validated
or not
Monitor V*
Monitor GCI
Note : A mix of V* and GCI monitoring can be performed for two
distinct channels in the same application.
III.3.5 - CI and Monitor Transmission/Reception
Command
The reception of C/I and Monitor messages are
managed by two interrupt queues.
In transmission, a transmit command register is
implemented for each C/I and monitor channel (16
C/I transmit command registers and 16 Monitor
transmit command registers). Those registers are
accessible in read and write modes by the micro-
processor.
STLC5465B
30/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com