Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 86 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 82Page - STMicroelectronics STLC5465B Datasheet HTML 83Page - STMicroelectronics STLC5465B Datasheet HTML 84Page - STMicroelectronics STLC5465B Datasheet HTML 85Page - STMicroelectronics STLC5465B Datasheet HTML 86Page - STMicroelectronics STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics STLC5465B Datasheet HTML 89Page - STMicroelectronics STLC5465B Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
VIII.22 - Transmit Command / Indicate Register - TCIR (2A)H
bit15
bit8
bit7
bit 0
D
G0
CA2
CA1
CA0
READ
0
0
Nu
Nu
C6A
C5/E C4/S1 C3/S2 C2/S3 C1/S4
After reset (00FF)H
When this register is written by the microprocessor, these different bits mean :
READ : READ C/I MEMORY
READ = 1, READ C/I MEMORY.
READ = 0, WRITE C/I MEMORY.
CA 0/2 : TRANSMIT COMMAND/INDICATE MEMORY ADDRESS
CA 0/2 : These bits define one of eight Command/Indicate Channels.
G0
: This bit defines one of two GCI MULTIPLEXy.
G0 = 0, GCI0 (DIN4/DOUT4) is selected.
G0 = 1, GCI1 (DIN5/DOUT5) is selected.
D
: Destination; this bit defines the destination of bits 0 to 5.
D=0: the primitive C6 to C1 is transmitted directly into one of 16 GCI channels defined by G0
and CA 0/2.
D=1: the 6 bit word A, E, S1, S2, S3, S4 is put instead of the six bits received latest during the
timeslot 4n+3 (GCI channel defined by G0 and CA 0/2) and these 6 bit word is transmitted into
any selected output timeslot after switching.
bit15
bit8
bit7
bit 0
D=0
G0
CA2
CA1
CA0
READ
Nu
Nu
Nu
Nu
C6
C5
C4
C3
C2
C1
D=0
G0
CA2
CA1
CA0
READ
Nu
Nu
Nu
Nu
A
E
S1
S2
S3
S4
C6/1
: New Primitive to be transmitted to the selected GCI channel (DOUT4 or DOUT5). Case of D=0.
C6 is transmitted first if ANA=1.
C4 is transmitted first if ANA=0.
A, E, S1 to S4: New 6 bit word to be transmitted into any output timeslot. Case of D=1.
The New Primitive (or the 6 bit word) is taken into account by the transmitter after writing bits 8 to 15 (if
8bit microprocessor).
Transmit Command/Indicate Register (after reading)
bit15
bit8
bit7
bit 0
D=0
G0
CA2
CA1
CA0
READ
Nu
Nu
PT1
PT0
C6
C5
C4
C3
C2
C1
D=1
G0
CA2
CA1
CA0
READ
Nu
Nu
PT1
PT0
A
E
S1
S2
S3
S4
When this register is read by the microprocessor, these different bits mean :
READ : READ C/I MEMORY
READ = 1, READ C/I MEMORY.
READ = 0, WRITE C/I MEMORY.
CA 0/2 : TRANSMIT C/I ADDRESS
CA 0/2 : These bits define one of eight Command/Indicate Channels.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, DIN4/DOUT4 are selected.
G0 = 1, DIN5/DOUT5 are selected.
D
: Destination. This bit defines the destination of bits 0 to 5
D=0: the destination is one of 16 GCI channels defined by G0 and CA 0/2.
D=1:the destination is any TDM (after switching).
C6/1
: Last Primitive transmitted. Case of D=1
VIII - INTERNAL REGISTERS (continued)
STLC5465B
86/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com