Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 27Page - STMicroelectronics STLC5465B Datasheet HTML 28Page - STMicroelectronics STLC5465B Datasheet HTML 29Page - STMicroelectronics STLC5465B Datasheet HTML 30Page - STMicroelectronics STLC5465B Datasheet HTML 31Page - STMicroelectronics STLC5465B Datasheet HTML 32Page - STMicroelectronics STLC5465B Datasheet HTML 33Page - STMicroelectronics STLC5465B Datasheet HTML 34Page - STMicroelectronics STLC5465B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
III - FUNCTIONAL DESCRIPTION (continued)
16 Rx
C/I
16 Rx
MON
16 Tx
C/I
16 Tx
MON
INTERR UPT
CONTR OLLER
GC I CHANNEL DEFINITION
DIN 5
DIN 4
DOUT 4
DOUT 5
SWITCHING
MATRIX
1
2
0
3
4
5
6
7
1
2
0
3
4
5
6
7
D Cha nne ls
to R x HDLC
DCha nne ls
from Tx HDLC
Interna l Bus
GC I1
GCI0
GCI1
GC I0
Figure 14 : D, C/I and Monitor Channel Path
III.3.6 - Scrambler and Descrambler
The TDM4 and TDM5 can be GCI multipexes.Each
GCI multipex comprises 8 GCI channels.Each GCI
channel comprises two B channels at 64 Kbit/s.
In reception it is possible to switch and to scramble
the contents of 32 B channels of GCI channels to
32 timeslots of the 256 output timeslots. In trans-
mission these 32 timeslots are assigned to 32 B
channels.
In the other direction the contents of an selected B
channels is automatically switched and descram-
bled to one B channel of 16 GCI channel.
See Connection Memory Data Register CMDR
(0E)H on page 74 (SCR bit).
Connection between “ISDN channels” and GCI
channels.
Three timeslots are assigned to one“ISDN chan-
nels”. Each “ISDN channels” comprises three
channels: B1+B2+B* with B*= D1,D2, A, E, S1, S2,
S3, S4. GCI channel to/from ISDN channel on
page 32.
Upstream. From GCI channels to ISDN channels
on page 33.
- in reception: 16 GCI channels (B1+B2+MON+
D+C/I),
- in transmission: 16 ISDN channels (B1+B2+B*).
It is possible to switch the contents of B1, B2 and
D channelsfrom 16 GCIchannels in any 16 “ISDN
channels”, TDM side.
The contents of B1 and/or B2 can be scrambled
or not. If scrambledthe number of the 32 timeslots
(TDM side) are different mandatory.
Receiving the contents of Monitor and Command
/ Indicate channels from 16 GCI channels. Primi-
tives and messages are stored automatically in
the external shared memory.
Transmitting “six bit word” (A, E, S1, S2, S3, S4)
to any 16 “ISDN channels” TDM side or not. See
SBV bit of General Configuration Register GCR
(02)H on page 68.
Downstream. From ISDN channels to GCI chan-
nels on page 34.
- in reception: ISDN channel (B1+B2+B*)
- in transmission: GCI channel (B1+B2+MON+
D+C/I)
It is possible to switch the contents of B1, B2 and
D channels from 16 “ISDN channels”, TDM side
STLC5465B
31/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com