Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 5Page - STMicroelectronics STLC5465B Datasheet HTML 6Page - STMicroelectronics STLC5465B Datasheet HTML 7Page - STMicroelectronics STLC5465B Datasheet HTML 8Page - STMicroelectronics STLC5465B Datasheet HTML 9Page - STMicroelectronics STLC5465B Datasheet HTML 10Page - STMicroelectronics STLC5465B Datasheet HTML 11Page - STMicroelectronics STLC5465B Datasheet HTML 12Page - STMicroelectronics STLC5465B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
I.2 - Pin Description
Pin N
°
Symbol
Type
Fun ction
POWER PINS (all the power and ground pins must be connected)
14
VDD1
Power
DC supply
15
VSS1
Ground
DC ground
29
VDD2
Power
DC supply
30
VSS2
Ground
DC ground
45
VDD3
Power
DC supply
46
VSS3
Ground
DC ground
61
VDD4
Power
DC supply
62
VSS4
Ground
DC ground
73
VDD5
Power
DC supply
74
VSS5
Ground
DC ground
89
VDD6
Power
DC supply
90
VSS6
Ground
DC ground
107
VDD7
Power
DC supply
108
VSS7
Ground
DC ground
121
VDD8
Power
DC supply
122
VSS8
Ground
DC ground
133
VDD9
Power
DC supply
134
VSS9
Ground
DC ground
145
VDD10
Power
DC supply
146
VSS10
Ground
DC ground
158
VDD11
Power
DC supply
159
VSS11
Ground
DC ground (Total 22)
CLOCKS
2
XTAL1
I
Crystal 1. A clock pulse at fMin. = 32000kHz can be applied to this input (or one pin
of two crystal pins) with : -50.10
-6 < ∆f < +50.10-6.
3
XTAL2
O
Crystal 2. If the internal crystal oscillator is used, the second crystal pin is applied
to this output.
7
VCXO IN
I3
VCXO input signal. This signal is compared to clock A(or B) selected inside the
Multi-HDLC.
8
VCXO OUT
O4
VCXO error signal. This pin delivers the result of the comparison.
10
CLOCKA
I3
Input Clock A (4096kHz or 8192kHz)
11
CLOCKB
I3
Input Clock B (4096kHz or 8192kHz)
12
FRAMEA
I3
Clock A at 8kHz
13
FRAMEB
I3
Clock B at 8kHz
9
DCLK
O8
Data Clock issued from Input Clock A (or B). This clock is delivered by the circuit
at 4096kHz (or 2048kHz). DOUT0/7 are transmitted on the rising edge of thissignal.
DIN0/7 are sampled on the falling edge of this signal.
17
FSCG
O8
Frame synchronization for GCI at 8kHz. This clock is issued from FRAME A (or B).
18
FSCV*
O8
Frame synchronization for V Star at 8kHz
16
FS
I3
Frame synchronization.This signal synchronizes DIN0/7 and DOUT0/7.
19
PSS
O8
Programmable synchronization Signal. The PS bit of connection memory is read
in real time.
Type : I1 = Input TTL ;
I2 = I1 + Pull-up ;
I3 = I1 + Hysteresis ;
I4 = I3 + Pull-up ;
O4 = Output CMOS 4mA ;
O4T = O4 + Tristate ;
O8 = Output CMOS 8mA, ”1” and ”0” at Low Impedance ;
O8D = Output CMOS 8mA, Open Drain ;
O8DT = Output CMOS 8mA, Open Drain or Tristate ;
O8T = Output CMOS 8mA, Tristate
I1 and I3 must be connected to VDD and VSS if not used
I - PIN INFORMATION (continued)
STLC5465B
9/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com