Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 72 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 68Page - STMicroelectronics STLC5465B Datasheet HTML 69Page - STMicroelectronics STLC5465B Datasheet HTML 70Page - STMicroelectronics STLC5465B Datasheet HTML 71Page - STMicroelectronics STLC5465B Datasheet HTML 72Page - STMicroelectronics STLC5465B Datasheet HTML 73Page - STMicroelectronics STLC5465B Datasheet HTML 74Page - STMicroelectronics STLC5465B Datasheet HTML 75Page - STMicroelectronics STLC5465B Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
TS0
: Tristate 0
TS0 = 1, the DOUT0/3 and DOUT6/7 pins are tristate : ”0” is at low impedance, ”1” is at low
impedance and the third state is high impedance.
TS0 = 0, the DOUT0/3 and DOUT6/7 pins are open drain : ”0” is at low impedance, ”1” is at high
impedance.
TS1
: Tristate 1
TS1 = 1, the DOUT4/5 pins are tristate : ”0” is at low impedance, ”1” is at low impedance and
the third state is high impedance.
TS1 = 0, the DOUT4/5 pins are open drain : ”0” is at low impedance, ”1” is at high impedance.
SGV
: Pseudo Random Sequence Generator Validated
SGV = 1,PRS Generator is validated.The Pseudo Random Sequence is transmitted during the
related time slot(s).
SGV = 0, PRS Generator is reset.”0” are transmitted during the related time slot.
SAV
: Pseudo Random Sequence analyzer Validated
SAV = 1, PRS analyzer is validated.
SAV = 0, PRS analyzer is reset.
SGC
: Pseudo Random Sequence Generator Corrupted
When SGC bit goes from 0 to 1, one bit of sequence transmitted is corrupted.
When the corrupted bit has been transmitted, SGC bit goes from 1 to 0 automatically.
ME
: MESSAGE ENABLE
ME = 1 The contents of Connection Memory is output on DOUT0/7 continuously.
ME = 0 The contents of Connection Memory acts as an address for the Data Memory.
AISD
: Alarm Indication Signal Detection.
AISD = 1, the Alarm Indication Signal detection is validated.
Sixteen independent detections are performed for sixteen hyperchannels. The contents of any
input hyperchannel (B1, B2, D) switched (in transparent mode or not) on GCI channels is
analysed independently.
For each GCI channel, the 16bits of B1 and B2 are checked together; when all “one” has been
detected during 30 milliseconds, a status is stored in the Command/ Indicate interrupt queue
and an interrupt is generated if not masked (like the reception of primitive from GCI multiplexes).
See “RECEIVE Command/Indicate INTERRUPT” on page 97.
AISD=0, the Alarm Indication Signal detection for 16 hyperchannels is not validated.
DR04
: Data Rate of TDM0 is at 4Mb/s. Case:M1=M0=0
DR04 = 1, the signal received from DIN0 pin and the signal delivered by Dout0 pin are at 4Mb/s.
DIN1 pin and DOUT1 pin are ignored.
The Time Division Multiplex 0 is constituted by 64 timeslots numbered from 0 to 63.
DR04 = 0, the signals received from DIN0/1 pins and the signals delivered by Dout0/1 pins are
at 2Mb/s.
DR24
: Data Rate of TDM2 is at 4Mb/s.Case:M1=M0=0
R24 = 1, the signal received from DIN2 pin and the signal delivered by Dout2 pin are at 4Mb/s.
DIN3 pin and DOUT3 pin are ignored.
The Time Division Multiplex 2 is constituted by 64 timeslots numbered from 0 to 63.
DR24 = 0, the signals received from DIN2/3 pins and the signals delivered by Dout2/3 pins are
at 2Mb/s.
DR44
: Data Rate of TDM4 is at 4Mb/s.Case: M1=M0=0
DR44 = 1, the signal received from DIN4 pin and the signal delivered by Dout4 pin are at 4Mb/s.
DIN5 pin and DOUT5 pin are ignored.
TDM4/5 cannot be GCI multiplexes.
The Time Division Multiplex 4 is constituted by 64 timeslots numbered from 0 to 63.
DR44 = 0, the signals received from DIN4/5 pins and the signals delivered by Dout4/5 pins are
at 2Mb/s.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
72/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com