Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 41Page - STMicroelectronics STLC5465B Datasheet HTML 42Page - STMicroelectronics STLC5465B Datasheet HTML 43Page - STMicroelectronics STLC5465B Datasheet HTML 44Page - STMicroelectronics STLC5465B Datasheet HTML 45Page - STMicroelectronics STLC5465B Datasheet HTML 46Page - STMicroelectronics STLC5465B Datasheet HTML 47Page - STMicroelectronics STLC5465B Datasheet HTML 48Page - STMicroelectronics STLC5465B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
V - CLOCK TIMING
V.1 - Synchronization Signals delivered by the system
For one of three different input synchronizations which is programmed, FSCG and FSCV* signals
delivered by the
Multi-HDLC are in accordance with the figure hereafter.
t5h
t2
t5l
45
36
7
0
1
t1
Bit4
Bit5
Bit0
Bit1
Bit6
Bit7
Bit3
Time S lot 31
Time S lot 0
t4
t3
t4
t3
t3
t4 CGI
CLOCK B
CLOCK A
1) S y Mode
Fra me A (or B)
2) GCI Mod e
Fra me A (or B)
3) V* Mod e
Fra me A (or B)
DIN 0/8, E CHO
DO UT 0/7, C B
if FS = F S CG
TDM0/7
FS CG de livere d
by the circuit
FS CV* delivere d
by the circuit
The four Multiplex Configura tion Regis te rs a re a t ze ro (no de lay).
t6
Figure 34 : Clocks received and delivered by the
Multi-HDLC
Symbol
Parameter
Min.
Typ.
Max.
Unit
t1
Clock Period if 4096kHz (3072)
Clock Period if 8192kHz (6144)
239 (320)
120 (158)
244 (325)
122 (162)
249 (330)
125 (165)
ns
ns
t2
Delay between Clock A and Clock B
- 60
0
+60
ns
t3
Set up time Frame A (or B)/CLOCK A (or B)
10
t1-10
ns
t4
t4GCI
Hold time Frame A (or B)/CLOCK A (or B)
10
10
t1-10
125000 - (t1 - 10)
ns
t5
Clock ratio t5h/t5l
75
100
125
%
t6
Duration of FSCG
488
ns
STLC5465B
45/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com