Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 4 Page - STMicroelectronics

  STLC5465B Datasheet HTML 1Page - STMicroelectronics STLC5465B Datasheet HTML 2Page - STMicroelectronics STLC5465B Datasheet HTML 3Page - STMicroelectronics STLC5465B Datasheet HTML 4Page - STMicroelectronics STLC5465B Datasheet HTML 5Page - STMicroelectronics STLC5465B Datasheet HTML 6Page - STMicroelectronics STLC5465B Datasheet HTML 7Page - STMicroelectronics STLC5465B Datasheet HTML 8Page - STMicroelectronics STLC5465B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
TABLE OF CONTENTS (continued)
Page
V1 - MEMORY TIMING ... .. . . .... . . ... ....... . . ..... .. . . . . . . . . . 49
VI.1 - Dynamic Memories . . . . . . . . . . . . ...... ..... .... . . ... ...... 49
VI.2 - Static Memories . . . . . . . . . . . . .... .. . .... . . .. . . . . . . .... . . . 51
VII - MICROPROCESSOR TIMING ... .. . . .... . . ..... ..... . . ..... .. . . . 53
VII.1 - ST9 Family MOD0=1, MOD1=0, MOD2=0 . . . . . . . . . . . . . ..... ..... . . . 53
VII.2 - ST10/C16x mult. A/D, MOD0 = 1, MOD1 = 0, MOD2 = 1
. . . . . . . . . . . . . ..... 55
VII.3 - ST10/C16x demult. A/D, MOD0 = 1, MOD1 = 0, MOD2 = 1 . . . . ...... ... .... 57
VII.4 - 80C188 MOD0=1, MOD1=1, MOD2=0 . . . . . . . . . ...... .. . . .... . . ... 59
VII.5 - 80C186 MOD0=1, MOD1=1, MOD2=1 . . . . . . . . . ...... .. . . .... . . ... 61
VII.6 - 68000 MOD0=0, MOD1=0, MOD2=1
. . . . . . . . . ...... .. . . .... . . ... 63
VII.7 - 68020 MOD0=0, MOD1=0, MOD2=0 . . . . . . . .... . . ... .... . . . . . . . . . 65
VII.8 - Token Ring Timing . . . . . . . . . . . . ...... ..... .... . . ... ...... 67
VII.9 - Master Clock Timing . . . . . . . .... . . ....... .. . . ... ...... .... 67
VIII - INTERNAL REGISTERS
... .. . . .... . . ....... .. . . ... ...... .... 68
VIII.1 - Identification and Dynamic Command Register - IDCR (00)H .... .... .. . . . . . . 68
VIII.2 - General Configuration - GCR (02)H ... .. . .... ... ..... ..... . . .... 68
VIII.3 - Input Multiplex Configuration Register 0 - IMCR0 (04)H
.... .... .. . . . . . . .. 70
VIII.4 - Input Multiplex Configuration Register 1 - IMCR1 (06)H
.... .... .. . . . . . . .. 70
VIII.5 - Output Multiplex Configuration Register 0 - OMCR0 (08)H . . . ... ... . . . . . ... 71
VIII.6 - Output Multiplex Configuration Register 1 - OMCR1 (0A)H . . . ... ... . . . . . ... 71
VIII.7 - Switching Matrix Configuration Register - SMCR (0C)H
.... .... .. . . . . . . .. 71
VIII.8 - Connection Memory Data Register - CMDR (0E)H . . . ... ... . . . . . ....... 74
VIII.9 - Connection Memory Address Register - CMAR (10)H . . . ... ... . . . . . ..... 77
VIII.10 - Sequence Fault Counter Register - SFCR (12)H
. . . ... ... . . . . . ....... 79
VIII.11 - Time Slot Assigner Address Register - TAAR (14)H .... .... .. . . . . . . . . . . 79
VIII.12 - Time Slot Assigner Data Register - TADR (16)H
. . . ... ... . . . . . ....... 80
VIII.13 - HDLC Transmit Command Register - HTCR (18)H .... .... .. . . . . . . . . . . 81
VIII.14 - HDLC Receive Command Register - HRCR (1A)H .... .... .. . . . . . . . . . . 82
VIII.15 - Address Field Recognition Address Register - AFRAR (1C)H . . . ... ... . . . . .. 84
VIII.16 - Address Field Recognition Data Register - AFRDR (1E)H . . . ... ... . . . . . ... 84
VIII.17 - Fill Character Register - FCR (20)H . . . . ... . . . ... ..... ..... . . ... 84
VIII.18 - GCI Channels Definition Register 0 - GCIR0 (22)H .... .... .. . . . . . . . . . . 84
VIII.19 - GCI Channels Definition Register 1 - GCIR1 (24)H .... .... .. . . . . . . . . . . 85
VIII.20 - GCI Channels Definition Register 2 - GCIR2 (26)H .... .... .. . . . . . . . . . . 85
VIII.21 - GCI Channels Definition Register 3 - GCIR3 (28)H .... .... .. . . . . . . . . . . 85
VIII.22 - Transmit Command / Indicate Register - TCIR (2A)H . . . ... ... . . . . . ..... 86
Transmit Command/Indicate Register (after reading) . . . . ...... ... ...... 86
VIII.23 - Transmit Monitor Address Register - TMAR (2C)H
.... .... .. . . . . . . . . . . 87
Transmit Monitor Address Register (after reading) . . . . ...... ... ..... ... 87
VIII.24 - Transmit Monitor Data Register - TMDR (2E)H .... .... .. . . . . . . . . . . .. 88
VIII.25 - Transmit Monitor Interrupt Register - TMIR (30)H . . . ... ... . . . . . ....... 88
VIII.26 - Memory Interface Configuration Register - MICR (32)H .... .... .. . . . . . . .. 88
Memory
. . . . . . . . . . . . .... ..... . . ..... ....... .. ... . . 89
STLC5465B
4/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com