Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 87 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 83Page - STMicroelectronics STLC5465B Datasheet HTML 84Page - STMicroelectronics STLC5465B Datasheet HTML 85Page - STMicroelectronics STLC5465B Datasheet HTML 86Page - STMicroelectronics STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics STLC5465B Datasheet HTML 89Page - STMicroelectronics STLC5465B Datasheet HTML 90Page - STMicroelectronics STLC5465B Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
A, E, S1 to S4: 6 bit word transmitted. Case of D=1.
PT0/1 : Status bits
P1
P0
Primitive Status
0
0
Primitive (or 6 bit word) has not been transmitted yet.
0
1
Primitive (or 6 bit word) has been transmitted once.
1
0
Primitive (or 6 bit word) has been transmitted twice.
1
1
Primitive (or 6 bit word) has been transmitted three times or more.
VIII.23 - Transmit Monitor Address Register - TMAR (2C)H
bit15
bit8
bit7
bit 0
0
G0
MA2
MA1
MA0
READ
Nu
Nu
Nu
Nu
TIV
FABT
L
NOB
0
Nu
After reset (000F)H
When this register is written by the microprocessor, these different bits mean :
READ : READ MON MEMORY
READ=1, READ MON MEMORY.
READ=0, WRITE MON MEMORY.
MA 0/2 : TRANSMIT MONITOR ADDRESS
MA 0/2 :These bits define one of eight Monitor Channel if validated.
G0
: This bit defines one of two GCI multiplexes.
G0 = 0, TDM4 is selected.
G0 = 1, TDM5 is selected.
NOB
: NUMBER OF BYTE to be transmitted
NOB = 1, One byte to transmit.
NOB = 0, Two bytes to transmit.
L
: Last byte
L = 1, the word (or the byte) located in the Transmit Monitor Data Register (TMDR) is the last.
L = 0, the word (or the byte) located in the Transmit Monitor Data Register (TMDR) is not the
last.
FABT
: FABT = 1, the current message is aborted by the transmitter.
TIV
: Timer interrupt is Validated
TIV = 1, Time Out alarm generates an interrupt when the timer has expired.
TIV = 0, Time Out alarm is masked.
If 8 bit microprocessor the Data (TMDR Register) is taken into account by the transmitter after writing bits
8 to 15 of this register.
Transmit Monitor Address Register (after reading)
bit15
bit8
bit7
bit 0
0
G0
MA2
MA1
MA0
READ
Nu
Nu
Nu
Nu
TO
ABT
L
NOBT EXE
IDLE
When this register is read by the microprocessor, these different bits mean :
READ, MA0/2, G0 have same definition as already described for the write register cycle.
IDLE
: When this bit is at ”1”, IDLE (all 1’s) is transmitted during the channel validation.
EXE
: EXECUTED
When this status bit is at ”1”, the command written previously by the microprocessor has been
executed and a new word can be stored in the Transmit Monitor Data Register (TMDR) by the
microprocessor.
When this bit is at ”0”, the command written previously by the microprocessor has not yet been
executed.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
87/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com