Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 90 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 86Page - STMicroelectronics STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics STLC5465B Datasheet HTML 89Page - STMicroelectronics STLC5465B Datasheet HTML 90Page - STMicroelectronics STLC5465B Datasheet HTML 91Page - STMicroelectronics STLC5465B Datasheet HTML 92Page - STMicroelectronics STLC5465B Datasheet HTML 93Page - STMicroelectronics STLC5465B Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 101 page
background image
PRIORITY 5 is the last priority for DRAM Refresh if validated. DRAM Refresh obtains PRIORITY 0 (the
first priority) automatically when the first half cycle is spent without access to memory.
After reset (E400)H, the Rx DMA Controller has the PRIORITY 1
the Microprocessor has the PRIORITY 2
the Tx DMA Controller has the PRIORITY 3
the Interrupt Controller has the PRIORITY 4
the DRAM Refresh has the PRIORITY 5
VIII.27 - Initiate Block Address Register - IBAR (34)H
bit15
bit8
bit7
bit 0
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
After reset (0000)H
A8/23 : Address bits. These 16 bits are the segment address bits of the Initiate Block (A8 to A23 for the
external memory in the MHDLC address space).The offset is zero (A0 to A7 =”0”).
The Initiate Block Address (IBA) is :
23
87
0
A23
A22 A21
A20 A19
A18 A17
A16 A15
A14 A13
A12 A11
A10 A9 A8 0000 000 0
The 23 more significant bits define one of 8 Megawords. (One word comprises two bytes.)
The least significant bit defines one of two bytes when the microprocessor selects one byte.
Example: MHDLC device address inside
µP mapping = 100000H
Initiate Block address inside
µP mapping = 110000H
IBAR value = (110000 - 100000)/256= 100H
VIII.28 - Interrupt Queue Size Register - IQSR (36)H
bit15
bit8
bit7
bit 0
TBFS
0
0
0
0
0v
0
0d
HS2
HS1
HS0
MS2
MS1
MS0
CS1
CS0
After reset (0000)H
CS0/1 : Command/Indicate Interrupt Queue Size
These two bits define the size of Command/Indicate Interrupt Queue in external memory.
The location is IBA + 256 + HDLC Queue size + Monitor Channel Queue Size (see The Initiate
Block Address (IBA)).
MS0/2 : Monitor Channel Interrupt Queue Size
These three bits define the size of Monitor Channel Interrupt Queue in external memory.
The location is IBA + 256 + HDLC Queue size.
HS0/2 : HDLC Interrupt Queue Size
These three bits define thesize of HDLC status InterruptQueue in external memory for each channel.
The location is IBA+256 (see The Initiate Block Address (IBA))
HS2
HS1
HS0
HDLC
Queue Size
MS2
MS1
MS0
MON
Queue Size
CS1
CS0
C/I
Queue Size
0
0
0
128 words
0
0
0
128 words
0
0
64 words
0
0
1
256 words
0
0
1
256 words
0
1
128 words
0
1
0
384 words
0
1
0
384 words
1
0
192 words
0
1
1
512 words
0
1
1
512 words
1
1
256 words
1
0
0
640 words
1
0
0
640 words
1
0
1
768 words
1
0
1
768 words
1
1
0
896 words
1
1
0
896 words
1
1
1
1024 words
1
1
1
1024 words
VIII - INTERNAL REGISTERS (continued)
STLC5465B
90/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com