Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 2Page - STMicroelectronics STLC5465B Datasheet HTML 3Page - STMicroelectronics STLC5465B Datasheet HTML 4Page - STMicroelectronics STLC5465B Datasheet HTML 5Page - STMicroelectronics STLC5465B Datasheet HTML 6Page - STMicroelectronics STLC5465B Datasheet HTML 7Page - STMicroelectronics STLC5465B Datasheet HTML 8Page - STMicroelectronics STLC5465B Datasheet HTML 9Page - STMicroelectronics STLC5465B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
LIST OF FIGURES
Page
I - PIN INFORMATION
... .. . . .... . . ... ....... . . ..... .. . . . . . . . . . 8
II - BLOCK DIAGRAM
... .. . . .... . . ... ....... . . ..... .. . . . . . . . . . 14
Figure 1 : General Block Diagram . . . . . . . ....... .. .... . . . . . . . . ..... 14
III - FUNCTIONAL DESCRIPTION ... .. . . .... . . ..... ..... . . ..... .. . . . 15
Figure 2 : Switching Matrix Data Path . . . . . . . . . . . . . . ...... .. . . ... ... . 16
Figure 3 : Unidirectional and Bidirectional Connections . . . . . . . . . . . . . ..... .... 17
Figure 4 : Loop Back . . . . . . . . . . . . .... .. . .... . . .. . . . . . . .... . . . 17
Figure 5 : Variable Delay through the matrix with ITDM = 1 . . . . . . . . . . . . . ..... . . 18
Figure 6 : Variable Delay through the matrix with ITDM = 0 . . . . . . . . . . . . . ..... . . 19
Figure 7 : Constant Delay through the matrix with SI = 1 . . . . . . . . . . . . . ..... .... 20
Figure 8: Downstream Switching at 32kb/s . . . . . . .... ... ..... ..... . . .... 22
Figure 9: Upstream Switching at 32kb/s . . . . . . . . . . . . . . . . . . . . . . . ..... . . 23
Figure 10: Upstream and Downstream Switching at 16kb/s . . . . . . . . . . . . . ..... . . 24
Figure 11 : HDLC and DMA Controller Block Diagram . . . . ...... ... ..... ..... 25
Figure 12 : Structure of the Receive Circular Queue . . . . .... .. . . . . . . . . . . . . . . 28
Figure 13 : Structure of the Transmit Circular Queue
. . . . ...... ... ..... ..... 28
Figure 14 : D, C/I and Monitor Channel Path . . . . . . . . . ...... .. . . .... . . ... 31
Figure 15: GCI channel to/from ISDN Channel . . . ..... ...... .. .... . . . . . . . 32
Figure 16: From GCI Channels to ISDN Channels . . . . . . . . . . . . . . ...... .. . . . 33
Figure 17: From ISDN channels to GCI Channels . . . . . . . . . . . . . . ...... .. . . . 34
Figure 17.1: Write FIFO and Fetch Memories . . . ..... ...... .. .... . . . . . . . 35
Figure 18 :
Multi-HDLC connected to
µP with multiplexed buses . . . . ...... ... .... 36
Figure 19 :
Multi-HDLC connected to
µP with non-multiplexed buses . . . . ...... ... . . 36
Figure 20 : Microprocessor Interface for INTEL 80C188 . . . . . . . . . . . . . ..... .... 36
Figure 21 : Microprocessor Interface for INTEL 80C186 . . . . . . . . . . . . . ..... .... 36
Figure 22 : Microprocessor Interface for MOTOROLA 68000 . . . . ...... ... ...... 37
Figure 23 : Microprocessor Interface for MOTOROLA 68020 . . . . ...... ... ...... 37
Figure 24 : Microprocessor Interface for ST9 . . . . . . . . . ...... .. . . .... . . ... 37
Figure 25 : n x 128K x 16 SRAM Memory Organization . . . . . . . . . . . . . ..... .... 39
Figure 26 : 512K x 8 SRAM Circuit Memory Organization . . . . ...... ... ..... ... 39
Figure 27 : 256K x 16 DRAM Circuit Organization . . . . . . . . . . . . . . ...... .. . . . 39
Figure 28 : 1M x 16 DRAM Circuit Organization . . . . . . . . . . . . . ..... ..... . . . 40
Figure 29 : 4M x 16 DRAM Circuit Organization . . . . . . . . . . . . . ..... ..... . . . 40
Figure 30 : Chain of n
Multi-HDLC Components . . . . . . . . . . . . . ..... ..... . . . 40
Figure 31 : MHDLC Clock Generation . . . . . . . . . . . . . . ...... .. . . ... ... . 41
Figure 32 : VCXO Frequency Synchronization . . . ..... ...... .. .... . . . . . . . 42
Figure 33 : The Three Circular Interrupt Memories . . . . . . . . . . . . . . ...... .. . . . 43
IV - DC SPECIFICATIONS . . . . . . . .... . . ... .... . . . . . . . . .... . . ... ..44
V - CLOCK TIMING ... .. . . .... . . ... ...... . . ... ...... ..... . . . . . 45
Figure 34 : Clocks received and delivered by the
Multi-HDLC . . . . ...... ... ...... 45
Figure 35 : Synchronization Signals received by the
Multi-HDLC . . . . ...... ... .... 46
Figure 36 : GCI Synchro Signal delivered by the
Multi-HDLC . . . . ...... ... ...... 47
Figure 37 : V* Synchronization Signal delivered by the
Multi-HDLC ... . . .. . . . ... ... 48
STLC5465B
6/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com