Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 12Page - STMicroelectronics STLC5465B Datasheet HTML 13Page - STMicroelectronics STLC5465B Datasheet HTML 14Page - STMicroelectronics STLC5465B Datasheet HTML 15Page - STMicroelectronics STLC5465B Datasheet HTML 16Page - STMicroelectronics STLC5465B Datasheet HTML 17Page - STMicroelectronics STLC5465B Datasheet HTML 18Page - STMicroelectronics STLC5465B Datasheet HTML 19Page - STMicroelectronics STLC5465B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 101 page
background image
From SMCR Register
CM
(when Read)
LOOP
DATA
MEMORIES
64kb/s and
n x 64kb/s
CONNECTION
MEMORY
Sequence Integrity,
LOOP, PRSA, PRSG,
INS, OTSV
Tx
HDLC
Rx
GCI
S/ P
IMTD
Sequence
Integrity
INS
1
1
A
1
CM
1
PRSG
PSEUDO RANDOM
SEQUENCE
GENERATOR
211 -1
Rec. O.152
PRSG
SGV
PSEUDO RANDOM
SEQUENCE
ANALYZER
211 -1
Rec. O.152
PRSA
SAV
GCIR
BIT SYNCHRO
Tx
GCI
ME
P/ S
Rx
HDLC
D4/5
D7
D0/7
1
1
D
D
D
D
A
1
CMDR
Data
Register
CMAR
Address
Register
SFCR
R
Sequence Fault
Counter Register
HDLCM
1
D7
D
D
I
I
N
N
0/
7
7
D4/5
BIT SYNCHRO
DIN 0/7
DOUT 0/7
Internal
Bus
From OMCR Register
OMV (per multiplex)
From Connection Memory
OTSV (per channel)
From N DIS PIN
(for all multiplexes)
PRSG :
Pseudo Random Sequence Generator
PRSA :
Pseudo Random Sequence Analyzer
OTSV :
Output Time Slot Validated
INS :
Insert
ME
:
g
Messa e Enable
IMTD : Increased Min Throughtput Delay
SGV : Sequence Generator Validated
SAV : Sequence Analyzer Validated
CM : Connection Memory (from CMAR Register)
OR
Figure 2 : Switching Matrix Data Path
III - FUNCTIONAL DESCRIPTION (continued)
STLC5465B
16/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com