Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 28Page - STMicroelectronics STLC5465B Datasheet HTML 29Page - STMicroelectronics STLC5465B Datasheet HTML 30Page - STMicroelectronics STLC5465B Datasheet HTML 31Page - STMicroelectronics STLC5465B Datasheet HTML 32Page - STMicroelectronics STLC5465B Datasheet HTML 33Page - STMicroelectronics STLC5465B Datasheet HTML 34Page - STMicroelectronics STLC5465B Datasheet HTML 35Page - STMicroelectronics STLC5465B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
in 16 GCI channels.
The contents of B1 and/or B2 can be descram-
bled or not. If descrambled the 32 B1/B2 belong
to GCI channels mandatory.
Receiving six bit word (A, E, S1, S2, S3, S4) from
any 16 “ISDN channels”, TDM side. The 16 “six
bit word” are stored automatically in the external
shared memory.
Transmitting the contents of Monitor and Com-
mand / Indicate channels to 16 GCI channels.
See SBV bit of General Configuration Register
GCR (02)H on page 68.
Alarm Indication Signal.
This detection concerns 16 hyperchannels. One
hyperchannel comprises 16 bits (B1 and B2 only).
The Alarm Indicationsfor the 16 hyperchannelsare
stored automatically in the external shared mem-
ory. See AISD bit of SwitchingMatrix Configuration
Reg SMCR (0C)H on page 71.
TDM side
PCM at 2 Mb/s
m: ISDN channel
number, 0 to 9
If TDM at 4 Mb/s
odd timeslot
or even timeslot
can be selected
GCI side
n: GCI channel
number, 0 to 7
SCRAMBLER /
DESCRAMBLER
SCRAMBLER /
DESCRAMBLER
Six bit word
Primitive
Command Indicate controllers
RX
TX
Monitor controllers
TX
RX
C/I interrupt
Queue located in
shared memory
Microprocessor
MON interrupt
Queue located in
shared memory
B1
B1
B1
B1
B1
B1
B1
B1
B1
B2
B2
B2
B2
B2
B2
B2
B2
M1
M2
M3
M4
M5
M6
M7
M8
D
D
C1
C2
C3
C4
A
E
TS4n+3
TS4n+2
TS4n+1
TS4n
B1
B1
B1
B1
B1
B1
B1
B1
B1
B2
B2
B2
B2
B2
B2
B2
B2
TS3m+1
TS3m
D
D
A
E
S1
S2
S3
S4
TS3m+2
Figure 15: GCI channel to/from ISDN Channel
III - FUNCTIONAL DESCRIPTION (continued)
STLC5465B
32/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com