Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 71 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 67Page - STMicroelectronics STLC5465B Datasheet HTML 68Page - STMicroelectronics STLC5465B Datasheet HTML 69Page - STMicroelectronics STLC5465B Datasheet HTML 70Page - STMicroelectronics STLC5465B Datasheet HTML 71Page - STMicroelectronics STLC5465B Datasheet HTML 72Page - STMicroelectronics STLC5465B Datasheet HTML 73Page - STMicroelectronics STLC5465B Datasheet HTML 74Page - STMicroelectronics STLC5465B Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
LP (i)
: LOOPBACK 0/7
LPi = 1, Output Multiplex i is put instead of Input Multiplex i (0
≤ i ≤ 7). LOOPBACKis transparent
or not in accordance with OMVi (bit of Output Multiplex Configuration Register).
LPi = 0, Normal case, Input Multiplex i(0
≤ i ≤ 7) is taken into account.
N.B. If DIN4 and DIN5 are GCI Multiplexes : then ST(4)1 = ST(4)0 = 0 and ST(5)1 = ST(5)0 = 0 normally.
VIII.5 - Output Multiplex Configuration Register 0 - OMCR0 (08)H
bit15
bit8
bit7
bit 0
OMV3 DEL3 ST(3)1 ST(3)0 OMV2 DEL2 ST(2)1 ST(2)0 OMV1 DEL1 ST(1)1 ST(1)0 OMV0 DEL0 ST(0)1 ST(0)0
After reset (0000)H
See definition in next Paragraph.
VIII.6 - Output Multiplex Configuration Register 1 - OMCR1 (0A)H
bit15
bit8
bit7
bit 0
OMV7 DEL7 ST(7)1 ST(7)0 OMV6 DEL6 ST(6)1 ST(6)0 OMV5 DEL5 ST(5)1 ST(5)0 OMV4 DEL4 ST(4)1 ST(4)0
After reset (0000)H
ST(i)0 : STEP0 for each Output Multiplex i(0
≤ i ≤ 7), delayed or not.
ST(i)1 : STEP1 for each Output Multiplex i(0
≤ i ≤ 7), delayed or not.
DEL(i); : DELAYED Multiplex i(0
≤ i ≤ 7).
DEL (i) ST (i) 1 ST (i) 0
STEP for each Output Multiplex 0/7 delayed or not
X
0
0
Each bit is transmitted on the rising edge of the double clock without delay.
Bit 0 is defined by Frame synchronization Signal.
1
0
1
Each bit is transmitted with 1/2 bit-time delay.
1
1
0
Each bit is transmitted with 1 bit-time delay.
1
1
1
Each bit is transmitted with 2 bit-time delay.
0
0
1
Each bit is transmitted with 1/2 bit-time advance.
0
1
0
Each bit is transmitted with 1 bit-time advance
0
1
1
Each bit is transmitted with 2 bit-time advance.
When IMTD = 0 (bit of SMCR), DEL = 0 is not taken into account by the circuit.
1/2 bit time 244ns if TDM at 2048 kHz,
1/2 bit time 122ns if TDM at 4096 kHz.
OMV (i) : Output Multiplex Validated 0/7
OMVi =1, condition to have DOUTi pin active (0
≤ i ≤ 7).
OMVi =0, DOUTi pin is High Impedance continuously (0
≤ i ≤ 7).
N.B. If DIN4 and DIN5 are GCI Multiplexes : then ST(4)1 = ST(4)0 = 0 and ST(5)1 = ST(5)0 = 0 normally.
VIII.7 - Switching Matrix Configuration Register - SMCR (0C)H
bit15
bit8
bit7
bit 0
SW1
SW0
M1
M0
DR64 DR44 DR24 DR04 AISD
ME
SGC
SAV
SGV
TS1
TS0
IMTD
After reset (0000)H
IMTD
: Increased Minimum Throughput Delay
When SI = 0 (bit of CMDR, variable delay mode) :
IMTD = 1, the minimum delay through the matrixmemory is three time slots whateverthe selected
TDM output.
IMTD = 0, the minimum delay through the matrix memory is two time slots whatever the selected
TDM output.
When IMTD = 0, the input TDMs cannot be delayed versus the frame synchronization (Use
of IMCR is limited) and the output TDMs cannot be advanced versus the frame
synchronization.(Use of OMCR is limited).
VIII - INTERNAL REGISTERS (continued)
STLC5465B
71/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com