Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5465B Datasheet(PDF) 84 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 80Page - STMicroelectronics STLC5465B Datasheet HTML 81Page - STMicroelectronics STLC5465B Datasheet HTML 82Page - STMicroelectronics STLC5465B Datasheet HTML 83Page - STMicroelectronics STLC5465B Datasheet HTML 84Page - STMicroelectronics STLC5465B Datasheet HTML 85Page - STMicroelectronics STLC5465B Datasheet HTML 86Page - STMicroelectronics STLC5465B Datasheet HTML 87Page - STMicroelectronics STLC5465B Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
VIII.15 - Address Field Recognition Address Register - AFRAR (1C)H
bit15
bit8
bit7
bit 0
CH4
CH3
CH2
CH1
CHO
READ
AMM
Nu
r
e
s
e
r
v
e
d
After reset (0000)H
The write operation is lauched when AFRAR is written by the microprocessor.
AMM
: Access to Mask Memory.
AMM=1, Access to Address Field Recognition Mask Memory.
AMM=0, Access to Address Field Recognition Memory.
READ : READ ADDRESS FIELD RECOGNITION MEMORY
READ=1, READ AFR MEMORY.
READ=0, WRITE AFR MEMORY.
CH0/4 : These five bits define one of 32 channels in reception
VIII.16 - Address Field Recognition Data Register - AFRDR (1E)H
bit15
bit8
bit7
bit 0
AF15/
AFM15
AF14/
AFM14
AF13/
AFM13
AF12/
AFM12
AF11/
AFM11
AF10/
AFM10
AF9/
AFM9
AF8/
AFM8
AF7/
AFM7
AF6/
AFM6
AF5/
AFM5
AF4/
AFM4
AF3/
AFM3
AF2/
AFM2
AF1/
AFM1
AF0/
AFMO
After reset (0001)H
AF0/15 : ADDRESS FIELD BITS
AF0/7 ; First byte received; AF8/15: Second byte received.
These two bytes are stored into Address Field Recognition Memory when AFRAR is written by
the microprocessor.
AFM0/
15:
ADDRESS FIELD BIT MASK0/15 if AMM=1 (AMM bit of AFRAR)
AMF0/7. When AR10=1 (See HRCR) each bit of the first received byte is compared respectively
to AFx bit if AFMx=0. In case of mismatching, the received frame is ignored. If AFMx=1, no
comparison between AFx and the corresponding received bit.
AMF8/15. When AR20=1 (See HRCR) each bit of the second received byte is compared
respectively to AFy bit if AFMy=0. In case of mismatching, the received frame is ignored. If
AFMy=1, no comparison between AFy and the corresponding received bit.
These two bytes are stored into AddressField Recognition Mask Memory when AFRAR is written
by the microprocessor (AMM=1).
VIII.17 - Fill Character Register - FCR (20)H
bit15
bit8
bit7
bit 0
r
e
s
e
r
v
e
d
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
After reset (0000)H
FC0/7 : FILL CHARACTER (eight bits)
In Transparent Mode M1, twomessages are separatedby FILLCHARACTERS andthe detection
of one FILL CHARACTER marks the end of a message.
VIII.18 - GCI Channels Definition Register 0 - GCIR0 (22)H
The definitions of x and y indices are the same for GCIR0, GCIR1, GCIR2, GCIR3 :
-0
≤ x ≤ 7, 1 of 8 GCI CHANNELS belonging to the same multiplex TDM4 or TDM5
- y = 0, TDM4 is selected
- y = 1, TDM5 is selected.
VIII - INTERNAL REGISTERS (continued)
STLC5465B
84/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com